Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM126401SFAYA-R1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GM126401SFAYA-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Confidential Document
Page:
5 / 21
4.3
Electronic Static Discharge maximum rating
ESD test method : IEC1000-4-2
Item
Description
Testing environment
Ambient temperature :15°C to 35 °C
Humidity: 30% to 60 %
LCM ( E.U.T ) : Power up
Testing equipment
Manufacture: Noise Ken, Model No. ESD-100L
Testing condition
See drawing 1
Direct discharge
0 to
± 6 KV
Discharge point, see drawing 2
Indirect discharge
0 to
± 12KV Discharge point, see drawing 1
Pass condition
No malfunction of unit. Temporary malfunction of unit which
can be recovered by system reset
Fail condition
Non. Recoverable malfunction of LCM or system
(1)
(2)
D IRE CT D IS C HA RG E
HC P INDIR E C T DIS C H A R G E
GR OUND L E V E L
VC P INDIR E C T DIS C H A R G E
HC P
IS OL AT OR
E SD PO W E R SU P PL Y
W OODE N T A B L E (T A L L 0.8m )
470k
F IG 1 E S D T E S T ING E Q UIP M E N T
A
B
D
C
DIRECT CONTACT DISCHARGE
CONTACT POINT : A.B.C.D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com