Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Data Sheet
ADL5513
Rev. A | Page 11 of 25
100k
10k
1k
100
10
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –40dBm
PIN = –60dBm
PIN = OFF
Figure 15. Output Noise Spectral Density, CLPF = Open
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
TIME (ns)
RF PULSE
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = –40dBm
PIN = –50dBm
PIN = –60dBm
Figure 16. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency = 100 MHz, CLPF = Open
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
5
4
3
2
1
0
TIME (µs)
POWER-DOWN PULSE
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = –40dBm
PIN = –50dBm
PIN = –60dBm
Figure 17. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency = 100 MHz, CLPF = Open
100k
10k
1k
100
10
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –40dBm
PIN = –60dBm
PIN = OFF
Figure 18. Output Noise Spectral Density, CLPF = 1 nF
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
6
5
4
3
2
1
0
0
10
20
30
40
50
60
70
80
TIME (ms)
RF PULSE
PIN = –10dBm
PIN = 0dBm
PIN = –20dBm
PIN = –30dBm
PIN = –50dBm
PIN = –40dBm
PIN = –60dBm
Figure 19. Output Response to RF Burst Input for Various RF Input Levels,
Carrier Frequency = 100 MHz, CLPF = 0.1 μF
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
5
4
3
2
1
0
TIME (µs)
POWER-DOWN PULSE
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = –40dBm
PIN = –50dBm
PIN = –60dBm
Figure 20. Output Response Using Power-Down Mode for Various RF Input
Levels, Carrier Frequency = 100 MHz, CLPF = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com