Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADL5513
Rev. A | Page 13 of 25
THEORY OF OPERATION
The ADL5513 is a demodulating logarithmic amplifier, specifi-
cally designed for use in RF measurement and power control
applications at frequencies up to 4 GHz. A block diagram is
shown in Figure 24. Sharing much of its design with the AD8313
logarithmic detector/controller, the ADL5513 maintains tight
intercept variability vs. temperature over a 80 dB range. Additional
enhancements over the AD8313, such as a reduced RF burst
response time of 20 ns and board space requirements of only
3 mm × 3 mm, add to the low cost and high performance
benefits found in the ADL5513.
2
1
4
3
I
V
I
V
DET
DET
DET
DET
DET
SLOPE
CONTROL
GAIN
BIAS
BAND GAP
REFERENCE
12
11
10
9
13
14
15
16
8
7
6
5
ADL5513
VOUT
VSET
COMM
TADJ
INHI
INLO
VPOS
VPOS
NC
NC
CLPF
NC
NC
NC
NC
NC
Figure 24. Block Diagram
A fully differential design, using a proprietary, high speed SiGe
process, extends high frequency performance. The maximum
input with ±1 dB log conformance error is typically 10 dBm
(referred to 50 Ω). The noise spectral density of −70 dBm sets
the lower limit of the dynamic range. The common pin, COMM,
provides a quality low impedance connection to the printed circuit
board (PCB) ground. The package paddle, which is internally
connected to the COMM pin, should also be grounded to the
PCB to reduce thermal impedance from the die to the PCB.
The logarithmic function is approximated in a piecewise
fashion by cascaded gain stages. (For a more comprehensive
explanation of the logarithm approximation, see the AD8307
data sheet.) Using precision biasing, the gain is stabilized over
temperature and supply variations. The overall dc gain is high,
due to the cascaded nature of the gain stages.
The RF signal voltages are converted to a fluctuating differential
current having an average value that increases with signal level.
After the detector currents are summed and filtered, the following
function is formed at the summing node:
ID × log10(VIN/VINTERCEPT)
(1)
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage is 0 V, if it were capable of going to 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com