Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ADL5513
Data Sheet
Rev. A | Page 22 of 25
INCREASING THE DYNAMIC RANGE OF THE
ADL5513
The ADL5513 dynamic range can be extended by adding a standa-
lone VGA, whose gain control input is derived directly from
VOUT. This extends the dynamic range by the gain control range
of the VGA. In order for the overall measurement to remain
linear in dB, the VGA must provide a linear-in-dB (exponential)
gain control function. The VGA gain must decrease with an
increase in its gain bias in the same way as the ADL5513. Alterna-
tively, an inverting op amp with suitable level shifting can be
used. It is convenient to select a VGA that needs only a single
5.0 V supply and is capable of generating a single-ended output.
All of these conditions are met by the AD8368. Figure 46 shows
the schematic. Using the inverse gain mode (MODE pin low)
of the AD8368, its gain decreases on a slope of 37.5 mV/dB to a
minimum value of −12 dB for a gain voltage (VGAIN) of 1.0 V.
The voltage, VGAIN, that is required by the AD8368 is 50% of the
output of the ADL5513. To scale this voltage, it is necessary to
install a voltage divider at the output of the ADL5513. Over the
1.5 V range from the output of the ADL5513, the gain of the
AD8368 varies by (0.5 × 1.5 V)/(37.5 mV/dB), or 20 dB. Com-
bined with the 75 dB gain span (at 120 MHz) of the ADL5513,
this results in a 95 dB variation for a 1.5 V change in VOUT.
Due to the amplification of out-of-band noise by the AD8368, a
band-pass filter was inserted between the AD8368 and ADL5513
to increase the low end sensitivity. The VGA amplifies low power
signals and attenuates high power signals to fit them in the
detectable range of the ADL5513. If an amplifier with higher
gain and lower noise figure is used, better than 90 dB sensitivity
can be achieved for use in an RSSI application.
Figure 45 shows data results of the extended dynamic range at
120 MHz with error in VOUT.
1.750
1.625
1.500
1.375
1.250
1.125
1.000
0.875
0.750
0.625
0.500
0.375
0.250
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
2.5
1.5
0.5
–0.5
–1.5
–2.5
–90
–70
–50
–30
–10
0
20
–80
–60
–40
–20
10
PIN (dBm)
VOUT +25°C
VOUT –40°C
VOUT +85°C
ERR0R +25°C
ERR0R –40°C
ERR0R +85°C
Figure 45. Output and Conformance for the AD8368/ADL5513
Extended Dynamic Range Circuit
INPT
ENBL
VPSI
OCOM
ICOM
MODE
VPSI
VPSI
VPSO
VPSO
VPSI
OUTP
AD8368
VPOS1
10kΩ
215Ω
0Ω
0Ω
10nH
10nF
10nF
1nF
0.1µF
C10
1nF
5.6pF
1nF
C12
1nF
C15
0.1µF
INPUT 10nF
VPOS3
0Ω
C12
1nF
C15
0.1µF
VPOS2
BAND-PASS
120MHz
52.3Ω
1
VPOS
2 INHI
3 INLO
4
VPOS
11
VSET
12
TADJ
VOUT
VOUT
10
COMM
9
ADL5513
Z1
VPOS
GND
1kΩ
47nF
100pF
C7
1000pF
0.1uF
100pF
0.1uF
VTADJ = 0.89V
VPOS
VPOS
1kΩ
1kΩ
VPOS
VPOS1
VPOS
VPOS2 VPOS3
Figure 46. ADL5513 with 95 dB Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com