Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ADL5513
Data Sheet
Rev. A | Page 18 of 25
Compensating the device for temperature drift using TADJ allows
for great flexibility. If the user requires minimum temperature
drift at a given input power or subset of the dynamic range,
the TADJ voltage can be swept while monitoring VOUT over
temperature. Figure 36 shows how error changes on a typical
part over the full dynamic range when VTADJ is swept from 0.5 V
to 1.2 V in steps of 0.1 V.
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–70 –65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
PIN (dBm)
VTADJ = 0.5V
VTADJ = 1.2V
+25°C
+85°C
Figure 36. VOUT vs. TADJ at 85°C, 1900 MHz
Figure 37 shows the results of sweeping VTADJ over multiple
temperatures while holding PIN constant. The same VTADJ should
be used for the full dynamic range for a specified supply
operation.
DEVICE CALIBRATION
VTADJ voltages in Table 4 are chosen so that the error is at its
minimum at 85°C. Criteria for the choice of VTADJ is unique for
a given application. Figure 37 shows how error on a typical device
changes at INHI = −30 dBm when VTADJ is swept at different
temperatures. If the ADL5513 must have minimum error at a
certain temperature, then VTADJ should be chosen such that the
line for that temperature intersects the 25°C line. At this VTADJ
setting, the error at all other temperatures is not the minimum.
If the deviation of error over temperature is more important
than the error at a single temperature, VTADJ should be determined
by the intersection of the lines for the temperatures of interest.
For the characterization data presented, VTADJ values were chosen
so that ADL5513 has a minimum error at 85°C, which is at the
intersection of the lines for 85°C and 25°C. For example, at
1900 MHz, VTADJ = 0.8 V. If a given application requires error
deviation to be at a minimum when the temperature changes
from −40°C to 85°C, VTADJ is determined by the intersection of
the error line for those temperatures.
1.5
1.0
0.5
0
–0.5
–1.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
TADJ (V)
+25°C
0°C
+85°C
–40°C
+45°C
+105°C
–20°C
+65°C
+125°C
Figure 37. Error vs. VTADJ, PIN = −30 dBm at 1900 MHz
It is important that temperature adjustment be performed on
multiple devices.
POWER-DOWN FUNCTIONALITY
Power-down functionality of ADL5513 is achieved through exter-
nally applied voltage on the TADJ pin. If VTADJ = VPOS − 0.3 V,
the output voltage and supply current are close to 0.
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
TADJ (V)
+25°C
–40°C
+85°C
+125°C
Figure 38. VOUT vs. VTADJ at 100 MHz, VPOS = 5 V
100
10
1
0.1
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
TADJ (V)
+25°C
–40°C
+85°C
+125°C
Figure 39. Sleep Current vs. VTADJ, VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com