Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADL5513
Rev. A | Page 21 of 25
1
VPOS
2 INHI
3 INLO
4
VPOS
11
VSET
12
VOUT
TADJ
10
COMM
9
ADL5513
VPS1
VPS1
VPS2
VPS2
COM1
INHI
INLO
COM1
OPLO
OPHI
COM2
COM2
ADL5330
VPOS
VPOS
0Ω
0Ω
0Ω
0Ω
0Ω
0Ω
5V
100pF
5V
100pF
1nF
1nF
100pF
GAIN
10
kΩ
SMA
SW1
100pF
T1
100pF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
100pF
100pF
VPOS
120nH
120nH
100pF
100pF
T2
Z1
GND
1kΩ
47nF
100pF
C7
1000pF
0.1uF
100pF
47nF
52.3Ω
0.1uF
VTADJ
5V
5V
DIRECTIONAL
COUPLER
20dB
RFOUT
VSET = 0.65V
INPUT
AD8062
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
5V
20kΩ
5V
VPOS
Figure 44. Schematic of the ADL5513 Operating in Controller Mode to Provide Automatic Gain Control Functionality in Combination with the ADL5330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com