Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADL5513
Rev. A | Page 23 of 25
EVALUATION BOARD
52.3Ω
1
VPOS
2INHI
3INLO
4
VPOS
11
VSET
12
TADJ
VOUT
10
COMM
9
ADL5513
Z1
VPOS
GND
1kΩ
47nF
C1
C4
C3
R11
0Ω
R12
R2
R1
0Ω
R4
R3
OPEN
RL
OPEN
CL
OPEN
R5
OPEN
R6
OPEN
R8
OPEN
R9
OPEN
0Ω
R7
0Ω
R10
0Ω
47nF
C2
C6
C5
100pF
C7
1000pF
0.1µF
100pF
0.1µF
VPOS
VPOS
VSET
VOUT
VPOS
TADJ
TADJ
VOUT_ALT
EXT_PWDN_TADJ
RFIN
Figure 47. Evaluation Board Schematic
Figure 48. Component Side Layout
Figure 49. Component Side Silkscreen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com