Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5519ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Data Sheet
ADL5519
Rev. B | Page 3 of 39
SPECIFICATIONS
Supply voltage, VP = VPSR = VPSA = VPSB = 5 V, CLPF = 1000 pF, TA = 25°C, 50 Ω termination resistor at INHA, INHB, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
INHA, INHB (Pin 25, Pin 32)
Specified Frequency Range
0.001
10
GHz
DC Common-Mode Voltage
VP − 0.7
V
MEASUREMENT MODE,
100 MHz OPERATION
ADJA (Pin 21) = 0.65 V, ADJB (Pin 4) = 0.7 V; OUTA, OUTB
(Pin 15, Pin 10) shorted to VSTA, VSTB (Pin 17, Pin 8);
OUTP, OUTN (Pin 13, Pin 12) shorted to FBKA, FBKB
(Pin 14, Pin 11), respectively; sinusoidal input signal;
error referred to best-fit line using linear regression
between PINHA, PINHB = −40 dBm and −10 dBm
Input Impedance
1670||0.47
Ω||pF
OUTA, OUTB ± 1 dB Dynamic Range
51
dB
−40°C < TA < +85°C
42
dB
OUTA, OUTB Maximum Input Level
±1 dB error
−1
dBm
OUTA, OUTB Minimum Input Level
±1 dB error
−52
dBm
OUTA, OUTB, OUTP, OUTN Slope1
−22
mV/dB
OUTA, OUTB Intercept1
22
dBm
Output Voltage (High Power In)
OUTA, OUTB @ PINHA, PINHB = −16 dBm
0.7
V
Output Voltage (Low Power In)
OUTA, OUTB @ PINHA, PINHB = −40 dBm
1.37
V
OUTP, OUTN Dynamic Gain Range
±1 dB error
50
dB
−40°C < TA < +85°C
44
dB
Temperature Sensitivity
Deviation from OUTA, OUTB @ 25°C
−40°C < TA < +85°C, PINHA, PINHB = −16 dBm
±0.25
dB
25°C < TA < 85°C, PINHA, PINHB = −40 dBm
+0.16
dB
−40°C < TA < +25°C, PINHA, PINHB = −40 dBm
−0.6
dB
Distribution of OUTP, OUTN from 25°C
25°C < TA < 85°C, PINHA = −16 dBm, PINHB = −30 dBm,
typical error = −0.09 dB
±0.25
dB
−40°C < TA < +25°C, PINHA = −16 dBm, PINHB = −30 dBm,
typical error = 0.25 dB
±0.4
dB
25°C < TA < 85°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = 0.05 dB
±0.25
dB
−40°C < TA < +25°C, PINHA = −40 dBm, PINHB = −30 dBm,
typical error = −0.23 dB
±0.45
dB
Input A-to-Input B Isolation
80
dB
Input A-to-OUTB Isolation
Frequency separation = 1 kHz, PINHA = −50 dBm,
PINHA – PINHB when OUTB/Slope = 1 dB
60
dB
Input B-to-OUTA Isolation
Frequency separation = 1 kHz, PINHB = −50 dBm,
PINHB – PINHA when OUTA/Slope = 1 dB
60
dB
MEASUREMENT MODE,
900 MHz OPERATION
ADJA = 0.6 V, ADJB = 0.65 V; OUTA, OUTB shorted to
VSTA, VSTB; OUTP, OUTN shorted to FBKA, FBKB, respectively;
sinusoidal input signal; error referred to best fit line using
linear regression between PINHA, PINHB = −40 dBm and −10 dBm
Input Impedance
925||0.54
Ω||pF
OUTA, OUTB ± 1 dB Dynamic Range
54
dB
−40°C < TA < +85°C
49
dB
OUTA, OUTB Maximum Input Level
±1 dB error
−2
dBm
OUTA, OUTB Minimum Input Level
±1 dB error
−56
dBm
OUTA, OUTB, OUTP, OUTN Slope1
−22
mV/dB
OUTA, OUTB Intercept1
20.3
dBm
Output Voltage (High Power In)
OUTA, OUTB @ PINHA, PINHB = −10 dBm
0.67
V
Output Voltage (Low Power In)
OUTA, OUTB @ PINHA, PINHB = −40 dBm
1.34
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com