Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet
ADL5519
Rev. B | Page 35 of 39
CHANNEL A
LOG DETECTOR
CHANNEL B
LOG DETECTOR
VSTB
VSTA
INHA
INHB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BIAS
TEMP
OUTA
OUTB
ADL5519
ADC
ADC
ADC
MICROPROCESSOR/
DSP
FORWARD
POWER
REVERSE
POWER
RETURN
LOSS
HPA
POUT = 20dBm TO 50dBm
40dB
35dB
20dB
20dB
0.1µF
52.3Ω
0.1µF
52.3Ω
PIN = –10dBm TO
–40dBm
PIN = –5dBm TO
–55dBm
Figure 71. ADL5519 Configuration for Measuring Reflection Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com