Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Data Sheet
ADL5519
Rev. B | Page 39 of 39
OUTLINE DIMENSIONS
0.50
0.40
0.30
2.85
2.70 SQ
2.55
1
0.50
BSC
PIN 1
INDICATOR
32
9
16
17
24
25
8
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD-2
3.50 REF
BOTTOM VIEW
TOP VIEW
SEATING
PLANE
EXPOSED
PAD
END VIEW
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 77. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 0.75 mm Package Height
(CP-32-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1,2
Temperature Range
Package Description
Package Option
ADL5519ACPZ-R7
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-21
ADL5519ACPZ-R2
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-21
ADL5519ACPZ-WP
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-21
ADL5519-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
WP = waffle pack.
©2008–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06198-0-9/17(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com