Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
ADL5519
Rev. B | Page 11 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
VP = 5 V; TA = +25°C, −40°C, +85°C; CLPA, CLPB = 1 µF. Colors: +25°C black, −40°C blue, +85°C red.
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 3. OUTA, OUTB Voltage and Log Conformance vs. Input Amplitude
at 100 MHz, Typical Device, ADJA, ADJB = 0.65 V, 0.7 V, Sine Wave,
Single-Ended Drive
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 4. Distribution of OUTA, OUTB Error over Temperature After Ambient
Normalization vs. Input Amplitude for 45 Devices, Frequency = 100 MHz,
ADJA, ADJB = 0.65 V, 0.7 V, Sine Wave, Single-Ended Drive
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 5. Distribution of [OUTA − OUTB] Voltage Difference over Temperature
for 45 Devices from a Nominal Lot, Frequency = 100 MHz,
ADJA, ADJB = 0.65 V, 0.7 V, Sine Wave, Single-Ended Drive
2.0
1.5
1.0
0.5
0
2.0
1.0
0
–1.0
–2.0
–60
–50
–40
–30
–20
–10
0
10
OUTN
N
P
OUTP
PIN (dBm)
Figure 6. OUTP, OUTN Gain Error and Voltage vs. Input Amplitude at 100 MHz,
Typical Device, ADJA, ADJB = 0.65 V, 0.7, Sine Wave, Single-Ended Drive,
PINHB = −30 dBm, Channel A Swept
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.0
0
–1.0
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 7. Distribution of [OUTP − OUTN] Gain Error and Voltage vs. Input
Amplitude over Temperature, After Ambient Normalization for 45 Devices from
a Nominal Lot, Frequency = 100 MHz, ADJA, ADJB = 0.65 V, 0.7 V, Sine Wave,
Single-Ended Drive, PINHB = −30 dBm, Channel A Swept
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 8. OUTA, OUTB Voltage and Log Conformance vs. Input Amplitude
at 900 MHz, Typical Device, ADJA, ADJB = 0.6 V, 0.65 V, Sine Wave,
Single-Ended Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com