Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5519ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ADL5519
Data Sheet
Rev. B | Page 2 of 39
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 19
Using the ADL5519........................................................................ 20
Basic Connections...................................................................... 20
Input Signal Coupling................................................................ 20
Temperature Sensor Interface................................................... 22
VREF Interface ........................................................................... 22
Power-Down Interface............................................................... 22
Setpoint Interface—VSTA, VSTB............................................. 22
Output Interface—OUTA, OUTB............................................ 22
Difference Output—OUTP, OUTN......................................... 23
Description of Characterization............................................... 23
Basis for Error Calculations...................................................... 23
Device Calibration ..................................................................... 24
Adjusting Accuracy Through Choice of Calibration Points...... 24
Temperature Compensation Adjustment................................ 25
Altering the Slope....................................................................... 26
Channel Isolation ....................................................................... 26
Output Filtering.......................................................................... 27
Package Considerations............................................................. 27
Operation Above 8 GHz............................................................ 27
Applications Information .............................................................. 28
Measurement Mode ................................................................... 28
Controller Mode......................................................................... 28
Automatic Gain Control............................................................ 30
Gain-Stable Transmitter/Receiver............................................ 32
Measuring VSWR....................................................................... 34
Evaluation Board ............................................................................ 36
Configuration Options .............................................................. 36
Evaluation Board Schematic and Artwork ............................. 37
Outline Dimensions....................................................................... 39
Ordering Guide .......................................................................... 39
REVISION HISTORY
9/2017—Rev. A to Rev. B
Changes to Figure 2........................................................................ 10
Updated Outline Dimensions....................................................... 39
Changes to Ordering Guide .......................................................... 39
4/2009—Rev. 0 to Rev. A
Changes to Table 5.......................................................................... 36
Changes to Figure 72...................................................................... 37
1/2008—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com