Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5519ACPZ-R7
Description  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5519ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5519ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
ADL5519
Data Sheet
Rev. B | Page 22 of 39
TEMPERATURE SENSOR INTERFACE
The ADL5519 provides a temperature sensor output capable of
driving 4 mA. The temperature scaling factor of the output voltage
is ~4.48 mV/°C. The typical absolute voltage at 27°C is approxi-
mately 1.36 V.
TEMP
VPSR
INTERNAL
VPTAT
12kΩ
4kΩ
COMR
Figure 54. TEMP Interface Simplified Schematic
VREF INTERFACE
The VREF pin provides a highly stable voltage reference. The
voltage on the VREF pin is 1.15 V, which is capable of driving
3 mA. An equivalent internal resistance is connected from
VREF to COMR for 3 mA sink capability.
POWER-DOWN INTERFACE
The operating and stand-by currents for the ADL5519 at 27°C
are approximately 60 mA and less than 1 mA, respectively. To
completely power down the ADL5519, the PWDN and ADJA,
ADJB pins must be pulled within 200 mV of the supply voltage.
When powered on, the output reaches to within 0.1 dB of its
steady-state value in about 0.5 µs; the reference voltage is avail-
able to full accuracy in a much shorter time.
This wake-up response time varies, depending on the input
coupling network and the capacitance at the CLPA, CLPB pins.
PWDN disables the OUTP, OUTN, VREF, and TEMP pins. The
power-down pin, PWDN, is a high impedance pin.
The ADJA and ADJB pins, when pulled within 200 mV of the
supply voltage, disable OUTA and OUTB, respectively.
SETPOINT INTERFACE—VSTA, VSTB
The VSTA, VSTB inputs are high impedance (40 kΩ) pins that
drive inputs of internal op amps. The VSET voltage appears across
the internal 1.5 kΩ resistor to generate a current, ISET. When a
portion of VOUT is applied to VSTA, VSTB, the feedback loop forces
−ID × log10(VIN/VINTERCEPT) = ISET
(2)
If VSET = VOUT/2x, then ISET = VOUT/(2x × 1.5 kΩ).
The result is
VOUT = (−ID × 1.5 kΩ × 2x) × log10(VIN/VINTERCEPT)
ISET
VSET
VSET
1.5kΩ
20kΩ
20kΩ
COMM
COMM
Figure 55. VSTA, VSTB Interface Simplified Schematic
The slope is given by −ID × 2x × 1.5 kΩ = −22 mV/dB × x. For
example, if a resistor divider to ground is used to generate a VSET
voltage of VOUT/2, then x = 2. The slope is set to −880 V/decade
or −44 mV/dB. See the Altering the Slope section for additional
information.
OUTPUT INTERFACE—OUTA, OUTB
The OUTA, OUTB pins are driven by a push-pull output stage.
The rise time of the output is limited mainly by the slew on CLPA,
CLPB. The fall time is an RC-limited slew given by the load capaci-
tance and the pull-down resistance at OUTA, OUTB. There is
an internal pull-down resistor of 1.6 kΩ The resistive load at
OUTA, OUTB can be placed in parallel with the internal pull-
down resistor to reduce the discharge time. OUTA, OUTB can
source greater than 10 mA.
OUTA,
OUTB
VPSA, VPSB
CLPA,
CLPB
1.2kΩ
400Ω
COMR
Figure 56. OUTA, OUTB Interface Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com