Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8398AACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8398AACPZ-R2
Description  Single Port VDSL2 Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8398AACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8398AACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD8398A
Rev. E | Page 3 of 12
SPECIFICATIONS
VS = 12 V, ±6 V at TA = 25°C, AVDIFF = 5, RLOAD,DIFF = 20 Ω, PD1 = 0, PD0 = 0, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
AV DIFF = 5, VOUT = 2 V peak, measured differentially
PD1 = 0, PD0 = 0
85
MHz
PD1 = 0, PD0 = 1
85
MHz
PD1 = 1, PD0 = 0
75
MHz
Slew Rate
VOUT = 4 V peak, measured differentially
600
V/µs
NOISE/DISTORTION PERFORMANCE
MTPR
Profile 8b at 20.4 dBm in VDSL2 application
−65
dBc
Profile 17a at 14.5 dBm in VDSL2 application
−55
dBc
Off Isolation
PD1 = 1, PD0 = 1
−80
dBc
Input Voltage Noise
f = 100 kHz
4.8
nV/√Hz
Input Current Noise
f = 100 kHz
0.9
pA/√Hz
Differential Output Voltage Noise
f = 100 kHz in VDSL2 application
120
nV/√Hz
DC PERFORMANCE
Differential Input Offset Voltage
−2
±0.1
+2
mV
Input Offset Voltage
16
55
mV
Input Bias Current
0.5
1
µA
Open-Loop Gain
63
dB
Common-Mode Rejection
Measured differentially
−100
−74
dB
INPUT CHARACTERISTICS
Input Resistance
f < 100 kHz
1.9
MΩ
OUTPUT CHARACTERISTICS
Differential Swing
17.6
18.4
V p-p
Linear Peak Output Current
VDSL2 at 20.4 dBm, MTPR = −65 dBc
450
mA peak
POWER SUPPLY
Operating Range
Dual supply
±6
V
Single supply
12
V
Supply Current
PD1 = 0, PD0 = 0
29
33.2
37
mA
PD1 = 0, PD0 = 1
20
22.9
25.5
mA
PD1 = 1, PD0 = 0
12
13.3
14.5
mA
PD1 = 1, PD0 = 1
0.7
1.1
mA
Power Supply Rejection
Measured differentially
−94
−74
dB
POWER-DOWN PINS
PD1, PD0 VIL
Referenced to GND
0.8
V
PD1, PD0 VIH
Referenced to GND
2
V
PD1, PD0 Bias Current
PD1, PD0 = 0 V
15
30
µA
PD1, PD0 = 3 V
6
17
µA
Enable Time
PD1, PD0 = (1, 1) − (0, 0)
60
ns
Disable Time
PD1, PD0 = (0, 0) − (1, 1)
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com