Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8398AACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8398AACPZ-R2
Description  Single Port VDSL2 Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8398AACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8398AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
AD8398A
Rev. E | Page 9 of 12
MULTITONE POWER RATIO
The discrete multitone (DMT) signal used in xDSL systems
carries data in discrete tones or bins that appear in the frequency
domain in evenly spaced 4.3125 kHz intervals. In applications
using this type of waveform, multitone power ratio (MTPR) is
a commonly used measure of linearity. Generally, designers are
concerned with two types of MTPR: in band and out of band.
In-band MTPR is defined as the measured difference from the
peak of one tone that is loaded with data to the peak of an adjacent
tone that is intentionally left empty. Out-of-band MTPR is defined
as the spurious emissions that occur in the receive bands. Transmit
band power and receive band MTPR are shown in Figure 13,
Figure 14, and Figure 15 for Profile 17a, Profile 8b, and ADSL2+,
respectively.
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
04
28
612
10
16
14
20
18
Figure 13. MTPR of a Typical VDSL2 Profile 17a DMT Test Signal,
VS = ±6 V, Output Power = 14.5 dBm
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
01
23
45
67
89
10
FREQUENCY (MHz)
Figure 14. MTPR of a Typical VDSL2 Profile 8b DMT Test Signal,
VS = ±6 V, Output Power = 20.4 dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 15. MTPR of a Typical ADSL2+ DMT Test Signal,
VS = ±6 V, Output Power = 20.4 dBm
LIGHTNING AND AC POWER FAULT
DSL line drivers are transformer-coupled to the twisted pair
telephone line. In this environment, the AD8398A may be
subject to large line transients resulting from events such as
lightning strikes or downed power lines. Additional circuitry
is required to protect the AD8398A from possible damage due
to these events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com