Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8398AACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8398AACPZ-R2
Description  Single Port VDSL2 Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8398AACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8398AACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single Port VDSL2
Line Driver with Shutdown
Data Sheet
AD8398A
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Voltage feedback
Wide output swing
18.4 V p-p differential, RLOAD, DIFF = 20 Ω from 12 V supply
High output current
Linear output current of 450 mA peak
Low distortion
−65 dBc for Profile 8b at 20.4 dBm
−55 dBc for Profile 17a at 14.5 dBm
High speed
85 MHz bandwidth (AV DIFF = 5)
APPLICATIONS
ADSL2+/VDSL2 CO/CPE line drivers
PLC line drivers
Consumer xDSL modems
Twisted pair line drivers
FUNCTIONAL BLOCK DIAGRAM
NC = NO CONNECT
1
NC
2
−IN A
3
+IN A
4
GND
11 −IN B
12 NC
10 +IN B
9PD1
–
+
–
+
Figure 1. Thermally Enhanced, 4 mm × 4 mm, 16-Lead LFCSP_WQ
TYPICAL APPLICATION DIAGRAM
VMID*
TIP
RING
AD8398A
AD8398A
1/2
1/2
*VMID =
VCC + VEE
2
Figure 2. Typical VDSL2 Application
GENERAL DESCRIPTION
The AD8398A comprises two high speed, voltage feedback
operational amplifiers. When configured as a differential line
driver, the AD8398A is an ideal choice for ADSL2+, VDSL2, and
power line communications (PLC) applications. It has high
output current, high bandwidth, and fast slew rate, combined
with exceptional multitone power ratio (MTPR) and common-
mode stability. The AD8398A is available in a thermally enhanced
4 mm × 4 mm, 16-lead LFCSP.
The AD8398A incorporates power management functionality
via two CMOS-compatible control pins, PD0 and PD1. These
pins select one of four operating modes: full power, medium
power, low power, or complete power-down. In the power-down
mode, the quiescent current drops to 0.7 mA.
The AD8398A operates in the industrial temperature range of
−40°C to +85°C.


Similar Part No. - AD8398AACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8398AACPZ-R2 AD-AD8398AACPZ-R2 Datasheet
375Kb / 13P
Single Port VDSL2 Line Driver with Shutdown
Rev. D
More results

Similar Description - AD8398AACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8398A AD-AD8398A Datasheet
87Kb / 2P
Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
OPA2670 TI-OPA2670 Datasheet
717Kb / 25P
Single Port High Output Current VDSL2 Line Driver with Power Control
OPA2670IRGVR TI1-OPA2670IRGVR Datasheet
733Kb / 25P
Single Port, High Output Current VDSL2 Line Driver with Power Control
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
Single Port VDSL2 Line Driver with Shutdown
Rev. D
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
Single Port, VDSL2 Differential Line Driver
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com