Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8398AACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8398AACPZ-R2
Description  Single Port VDSL2 Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8398AACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8398AACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
AD8398A
Rev. E | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
−IN A
+IN A
GND
12
11
10
1
3
4
NC
−IN B
+IN B
9 PD1
2
TOP VIEW
(Not to Scale)
AD8398A
NOTES
1. NC = NO CONNECT
2. EXPOSED PADDLE (EPAD) IS
FLOATING, NOT ELECTRICALLY
CONNECTED INTERNALLY.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 6, 12, 15
NC
No Connect.
2
−IN A
Amplifier A Inverting Input.
3
+IN A
Amplifier A Noninverting Input.
4
GND
Ground.
7
VEE
Negative Power Supply Input.
8
PD0
Power Mode Control.
9
PD1
Power Mode Control.
10
+IN B
Amplifier B Noninverting Input.
11
−IN B
Amplifier B Inverting Input.
13
OUT B
Amplifier B Output.
14
VCC
Positive Power Supply Input.
16
OUT A
Amplifier A Output.
EPAD
Exposed Paddle (EPAD)
The exposed paddle is electrically isolated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com