Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8398AACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8398AACPZ-R2
Description  Single Port VDSL2 Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8398AACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8398AACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8398A
Data Sheet
Rev. E | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 6 V, VEE = −6 V, unless otherwise stated.
0.1
1000
100
10
1
FREQUENCY (MHz)
–12
–9
–6
–3
0
3
6
9
12
15
18
21
DIFFERENTIAL
COMMON-MODE
PD1 = 0, PD0 = 0
PD1 = 0, PD0 = 1
PD1 = 1, PD0 = 0
Figure 5. Small Signal Differential and Common-Mode Frequency Response;
AV DIFF = 5 (See the Application Circuit in Figure 8)
0.1
1000
100
10
1
FREQUENCY (MHz)
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
12
15
18
DIFFERENTIAL
COMMON-MODE
PD1 = 0, PD0 = 0
PD1 = 0, PD0 = 1
PD1 = 1, PD0 = 0
Figure 6. Small Signal Differential and Common-Mode Frequency Response
(See the Application Circuit in Figure 9)
0.1
1000
100
10
1
FREQUENCY (MHz)
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
DIFFERENTIAL
COMMON-MODE
PD1 = 0, PD0 = 0
PD1 = 0, PD0 = 1
PD1 = 1, PD0 = 0
Figure 7. Small Signal Differential and Common-Mode Frequency Response
(See the Application Circuit in Figure 10)
VMID*
AD8398A
AD8398A
1/2
1/2
*VMID =
VCC + VEE
2
RLOAD, DIFF = 20Ω
Figure 8. Typical Differential Application Circuit
RLOAD, DIFF = 20 Ω
VMID*
AD8398A
AD8398A
1/2
1/2
RLOAD, DIFF = 20Ω
*VMID =
VCC + VEE
2
Figure 9. Typical Differential Application Circuit with Positive Feedback
RLOAD, DIFF = 20 Ω
VMID*
TIP
RING
AD8398A
AD8398A
1/2
1/2
*VMID =
VCC + VEE
2
Figure 10. Typical VDSL2 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com