Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8398AACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8398AACPZ-R2
Description  Single Port VDSL2 Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8398AACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8398AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8398AACPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8398A
Data Sheet
Rev. E | Page 10 of 12
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-WGGC-3
WITH EXCEPTION TO THE EXPOSED PAD.
1
0.65
BSC
16
5
8
9
12
13
4
4.10
4.00 SQ
3.90
0.50
0.40
0.30
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.35
0.30
0.25
*2.40
2.35 SQ
2.30
BOTTOM VIEW
TOP VIEW
SIDE VIEW
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 16. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8398AACPZ-R2
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-20
AD8398AACPZ-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-20
AD8398AACPZ-RL
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-20
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com