Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1598 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1598
Description  8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology LTC1598 Datasheet HTML 10Page - Linear Technology LTC1598 Datasheet HTML 11Page - Linear Technology LTC1598 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1598
Microprocessor Interfaces
The LTC1598 can interface directly (without external hard-
ware) to most popular microprocessors’ (MPU) synchro-
nous serial formats including MICROWIRE
TM, SPI and
QSPI. If an MPU without a dedicated serial port is used,
then three of the MPU’s parallel port lines can be pro-
grammed to form the serial link to the LTC1598. Included
here is one serial interface example.
Motorola SPI (MC68HC05)
The MC68HC05 has been chosen as an example of an MPU
with a dedicated serial port. This MPU transfers data MSB-
first and in 8-bit increments. The DIN word sent to the data
register starts the SPI process. With three 8-bit transfers
the A/D result is read into the MPU. The second 8-bit
transfer clocks B11 through B7 of the A/D conversion
result into the processor. The third 8-bit transfer clocks
the remaining bits B6 through B0 into the MPU. ANDing
the second byte with 1FHEX clears the three most signifi-
cant bits and ANDing the third byte with FEHEX clears the
least significant bit. Shifting the data to the right by one bit
results in a right justified word.
TYPICAL APPLICATIONS
MC68HC05 CODE
LDA #$52
Configuration data for serial peripheral
control register (Interrupts disabled, output
enabled, master, Norm = 0, Ph = 0, Clk/16)
STA $0A
Load configuration data into location $0A (SPCR)
LDA #$FF
Configuration data for I/O ports
(all bits are set as outputs)
STA $04
Load configuration data into Port A DDR ($04)
STA $05
Load configuration data into Port B DDR ($05)
STA $06
Load configuration data into Port C DDR ($06)
LDA #$08
Put DIN word for LTC1598 into Accumulator
(CH0 with respect to GND)
STA $50
Load DIN word into memory location $50
START BSET 0,$02
Bit 0 Port C ($02) goes high (CS goes high)
LDA $50
Load DIN word at $50 into Accumulator
STA $0C
Load DIN word into SPI data register ($0C) and
start clocking data
LOOP1 TST $0B
Test status of SPIF bit in SPI status register ($0B)
BPL LOOP1 Loop if not done with transfer to previous
instruction
BCLR 0,$02
Bit 0 Port C ($02) goes low (CS goes low)
LDA $0C
Load contents of SPI data register into Accumulator
STA $0C
Start next SPI cycle
LOOP2 TST $0B
Test status of SPIF
BPL LOOP2 Loop if not done
LDA $0C
Load contents of SPI data register into Accumulator
STA $0C
Start next SPI cycle
AND #$IF
Clear 3 MSBs of first DOUT word
STA $00
Load Port A ($00) with MSBs
LOOP3 TST $0B
Test status of SPIF
BPL LOOP3 Loop if not done
LDA $0C
Load contents of SPI data register into Accumulator
AND #$FE
Clear LSB of second DOUT word
STA $01
Load Port B ($01) with LSBs
JMP START Go back to start and repeat program
MICROWIRE is a trademark of National Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com