Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1598 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1598
Description  8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 4 Page - Linear Technology

  LTC1598 Datasheet HTML 1Page - Linear Technology LTC1598 Datasheet HTML 2Page - Linear Technology LTC1598 Datasheet HTML 3Page - Linear Technology LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1598
AC CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: This device is specified at 5V. Consult factory for 3V
specified devices.
Note 4: Increased leakage currents at elevated temperatures cause the S/H
to droop, therefore it is recommended that fCLK = 200kHz at 85°C,
fCLK ≥ 120kHz at 70°C and fCLK ≥ 1kHz at 25°C.
Note 5: VCC = 5V, VREF = 5V and CLK = 320kHz unless otherwise specified.
Note 6: Linearity error is specified between the actual end points of the
A/D transfer curve.
Note 7: Two on-chip diodes are tied to each reference and analog input
which will conduct for reference or analog input voltages one diode drop
below GND or one diode drop above VCC. This spec allows 50mV forward
bias of either diode for 4.5V
≤ VCC ≤ 5.5V. This means that as long as the
reference or analog input does not exceed the supply voltage by more than
50mV, the output code will be correct. To achieve an absolute 0V to 5V
input voltage range, it will therefore require a minimum supply voltage of
4.950V over initial tolerance, temperature variations and loading.
Note 8: Recommended operating condition.
Note 9: Channel leakage current is measured after the channel selection.
CH5 (Pin 1): Analog Multiplexer Input.
CH6 (Pin 2): Analog Multiplexer Input.
CH7 (Pin 3): Analog Multiplexer Input.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
CLK (Pin 5): Shift Clock. This clock synchronizes the serial
data transfer to both MUX and ADC. It also determines the
conversion speed of the ADC.
CS MUX (Pin 6): MUX Chip Select Input. A logic high on
this input allows the MUX to receive a channel address. A
logic low enables the selected MUX channel and connects
it to the MUX OUT pin for A/D conversion. For normal
operation, drive this pin in parallel with CS ADC.
DIN (Pin 7): Digital Data Input. The multiplexer address is
shifted into this input.
COM (Pin 8): Negative Analog Input. This input is the
negative analog input to the ADC and must be free of noise
with respect to GND.
GND (Pin 9): Analog Ground. GND should be tied directly
to an analog ground plane.
CS ADC (Pin 10): ADC Chip Select Input. A logic high on
this input deselects and powers down the ADC and three-
states DOUT. A logic low on this input enables the ADC to
sample the selected channel and start the conversion. For
normal operation drive this pin in parallel with CS MUX.
DOUT (Pin 11): Digital Data Output. The A/D conversion
result is shifted out of this output.
NC (Pin 12): No Connection.
NC (Pin 13): No Connection.
CLK (Pin 14): Shift Clock. This input should be tied to Pin 5.
VCC (Pin 15): Power Supply Voltage. This pin provides
power to the A/D Converter. It must be bypassed directly
to the analog ground plane.
VREF (Pin 16): Reference Input. The reference input de-
fines the span of the ADC.
ADC IN (Pin 17): ADC Input. This input is the positive
analog input to the ADC. Connect this pin to MUX OUT for
normal operation.
MUX OUT (Pin 18): MUX Output. This pin is the output of
the multiplexer. Tie to ADC IN for normal operation.
VCC (Pin 19): Power Supply Voltage. This pin should be
tied to Pin 15.
CH0 (Pin 20): Analog Multiplexer Input.
CH1 (Pin 21): Analog Multiplexer Input.
CH2 (Pin 22): Analog Multiplexer Input.
CH3 (Pin 23): Analog Multiplexer Input.
CH4 (Pin 24): Analog Multiplexer Input.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com