Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1598 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1598
Description  8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 3 Page - Linear Technology

  LTC1598 Datasheet HTML 1Page - Linear Technology LTC1598 Datasheet HTML 2Page - Linear Technology LTC1598 Datasheet HTML 3Page - Linear Technology LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1598
(Note 5) fSMPL = 16.8kHz
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
1kHz Input Signal
71
dB
THD
Total Harmonic Distortion (Up to 5th Harmonic)
1kHz Input Signal
– 78
dB
SFDR
Spurious-Free Dynamic Range
1kHz Input Signal
80
dB
Peak Harmonic or Spurious Noise
1kHz Input Signal
– 80
dB
(Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
See Operating Sequence 1
1.5
CLK Cycles
fSMPL(MAX)
Maximum Sampling Frequency
See Operating Sequence 1
q
16.8
kHz
tCONV
Conversion Time
See Operating Sequence 1
12
CLK Cycles
tdDO
Delay Time, CLK
↓ to DOUT Data Valid
See Test Circuits
q
250
600
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
135
300
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
See Test Circuits
q
75
200
ns
thDO
Time Output Data Remains Valid After CLK
CLOAD = 100pF
230
ns
tf
DOUT Fall Time
See Test Circuits
q
50
150
ns
tr
DOUT Rise Time
See Test Circuits
q
50
150
ns
tON
Enable Turn-On Time
See Operating Sequence 1
q
260
700
ns
tOFF
Enable Turn-Off Time
See Operating Sequence 2
q
100
300
ns
tOPEN
Break-Before-Make Interval
q
35
160
ns
CIN
Input Capacitance
Analog Inputs On-Channel
20
pF
Off-Channel
5
pF
Digital Input
5
pF
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2.6
V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
– 2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10µA
q
4.0
4.64
V
VCC = 4.75V, IO = 360µA
q
2.4
4.62
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
q
0.4
V
IOZ
Hi-Z Output Leakage
CS = High
q
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 25
mA
ISINK
Output Sink Current
VOUT = VCC
45
mA
RREF
Reference Input Resistance
CS = VIH
5000
M
CS = VIL
55
k
IREF
Reference Current
CS = VCC
q
0.001
2.5
µA
tCYC ≥ 760µs, fCLK ≤ 25kHz
90
µA
tCYC ≥ 60µs, fCLK ≤ 320kHz
q
90
140
µA
ICC
Supply Current
CS = VCC, CLK = VCC, DIN = VCC
q
0.001
±5
µA
tCYC ≥ 760µs, fCLK ≤ 25kHz
320
µA
tCYC ≥ 60µs, fCLK ≤ 320kHz
q
320
640
µA
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com