Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1598 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1598
Description  8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 1 Page - Linear Technology

  LTC1598 Datasheet HTML 1Page - Linear Technology LTC1598 Datasheet HTML 2Page - Linear Technology LTC1598 Datasheet HTML 3Page - Linear Technology LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1598
s
12-Bit Resolution
s
Auto Shutdown to 1nA
s
Low Supply Current: 320
µA Typ
s
Guaranteed
±3/4LSB Max DNL
s
Single Supply 5V Operation
s
8-Channel Multiplexer
s
Separate MUX Output and ADC Input Pins
s
MUX and ADC May Be Controlled Separately
s
Sampling Rate: 16.8ksps
s
I/O Compatible with SPI, MICROWIRE
TM, etc.
s
24-Pin SSOP Package
The LTC
®1598 is an 8-channel, 5V micropower, 12-bit
sampling A/D converter. It typically draws only 320
µA
of supply current when converting and automatically
powers down to typically 1nA between conversions. The
LTC1598 is available in a 24-pin SSOP package and
operates on a 5V supply. The 12-bit, switched-capacitor,
successive approximation ADC includes an 8-channel
MUX and a sample-and-hold.
On-chip serial ports allow efficient data transfer to a wide
range of microprocessors and microcontrollers over three
or four wires. This, coupled with micropower consump-
tion, makes remote location possible and facilitates trans-
mitting data through isolation barriers.
The circuit can be used in ratiometric applications or with
an external reference. The high impedance analog inputs
and the ability to operate with reduced spans (to 1.5V full
scale) allow direct connection to sensors and transducers
in many applications, eliminating the need for gain stages.
8-Channel, Micropower
Sampling 12-Bit Serial
I/O A/D Converter
August 1996
FEATURES
DESCRIPTION
APPLICATIONS
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
, LTC and LT are registered trademarks of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
TYPICAL APPLICATION
s
Pen Screen Digitizing
s
Battery-Operated Systems
s
Remote Data Acquisition
s
Isolated Data Acquisition
s
Battery Monitoring
s
Temperature Measurement
24
µW, 8-Channel, 12-Bit ADC Samples at 200Hz and Runs Off a 5V Supply
ANALOG
INPUTS
0V TO 5V
RANGE
1k
1
µF
LTC1598 • TA01
OPTIONAL
ADC FILTER
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
20
21
22
23
24
1
2
3
+
–
8-CHANNEL
MUX
8
COM
GND
4, 9
MPU
SERIAL DATA LINK
MICROWIRE AND
SPI COMPATABLE
10
6
5, 14
7
11
CS ADC
CS MUX
CLK
DIN
DOUT
12
13
NC
NC
12-BIT
SAMPLING
ADC
ADCIN
MUXOUT
18
17
16
15, 19
1
µF
5V
VREF VCC
Supply Current vs Sample Rate
SAMPLE FREQUENCY (kHz)
0.1
1
10
100
1000
1
10
100
1598 TA02
TA = 25°C
VCC = 5V
VREF = 5V
fCLK = 320kHz


Similar Part No. - LTC1598

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1598 LINER-LTC1598 Datasheet
430Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598CG LINER-LTC1598CG Datasheet
430Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598CG LINER-LTC1598CG Datasheet
240Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598IG LINER-LTC1598IG Datasheet
430Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598IG LINER-LTC1598IG Datasheet
240Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1598

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com