Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1598 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1598
Description  8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology LTC1598 Datasheet HTML 10Page - Linear Technology LTC1598 Datasheet HTML 11Page - Linear Technology LTC1598 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1598
TYPICAL APPLICATIONS
MULTICHANNEL A/D USES A SINGLE ANTIALIASING
FILTER
This circuit demonstrates how the LTC1598’s indepen-
dent analog multiplexer can simplify design of a 12-bit
data acquisition system. All eight channels are MUXed into
a single 1kHz, fourth-order Sallen-Key antialiasing filter,
which is designed for single-supply operation. Since the
LTC1598’s data converter accepts inputs from ground to
the positive supply, rail-to-rail op amps were chosen for
the filter to maximize dynamic range. The LT1368 dual rail-
to-rail op amp is designed to operate with 0.1
µF load
capacitors (C1 and C2). These capacitors provide fre-
quency compensation for the amplifiers and help reduce
the amplifier’s output impedance and improve supply
rejection at high frequencies. The filter contributes less
than 1LSB of error due to offsets and bias currents. The
filter’s noise and distortion are less than –72dB for a
100Hz, 2VP-P offset sine input.
The combined MUX and A/D errors result in an integral
nonlinearity error of
±3LSB (maximum) and a differential
nonlinearity error of
±3/4LSB (maximum). The typical
signal-to-noise plus distortion ratio is 71dB, with approxi-
mately –78dB of total harmonic distortion. The LTC1598
is programmed through a 4-wire serial interface that is
compatable with MICROWIRE, SPI and QSPI. Maximum
serial clock speed is 320kHz, which corresponds to a
16.8kHz sampling rate.
The complete circuit consumes approximately 800
µA
from a single 5V supply.
Simple Data Acquisition System Takes Advantage of the LTC1598’s
MUXOUT/ADCIN Pins-to-Filter Analog Signals Prior to A/D Conversion
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CH5
CH6
CH7
GND
CLK
CS MUX
DIN
COM
GND
CS ADC
DOUT
NC
CH4
CH3
CH2
CH1
CH0
VCC
MUXOUT
ADCIN
VREF
VCC
CLK
NC
LTC1598
ANALOG INPUTS
0V TO 5V
RANGE
7.5k
7.5k
1
µF
5V
LTC1598 • TA05
DATA IN
CHIP SELECT
CLOCK
DATA OUT
–
+
1
µF
0.015
µF
0.03
µF
C2
0.1
µF
7.5k
7.5k
0.03
µF
0.015
µF
–
+
C1
0.1
µF
5V
1/2
LT1368
1/2
LT1368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com