Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1598 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1598
Description  8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1598 Datasheet HTML 4Page - Linear Technology LTC1598 Datasheet HTML 5Page - Linear Technology LTC1598 Datasheet HTML 6Page - Linear Technology LTC1598 Datasheet HTML 7Page - Linear Technology LTC1598 Datasheet HTML 8Page - Linear Technology LTC1598 Datasheet HTML 9Page - Linear Technology LTC1598 Datasheet HTML 10Page - Linear Technology LTC1598 Datasheet HTML 11Page - Linear Technology LTC1598 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1598
©LINEAR TECHNOLOGY CORPORATION 1996
LT/GP 0896 5K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
TYPICAL APPLICATION
Digitally Linearized Platinum RTD Signal Conditioner
LTC1598 TA06
1k
CH5
CH6
CH7
GND
CLK
CS MUX
DIN
COM
GND
CS ADC
DOUT
NC
CH4
CH3
CH2
CH1
CH0
VCC
MUX OUT
ADC IN
VREF
VCC
CLK
NC
LTC1598
–
+
+15V
A2
LT1006
30.1k**
1
µF
3.92M**
500k
ZERO
°C TRIM
+15V
–
+
A1
LT1101
A=10
+15V
5VOUT
10
µF
500k
400
°C TRIM
12.5k*
12k*
1k*
+
Rplat.
* TRW-IRC MAR-6 RESISTOR – 0.1%
** 1% FILM RESISTOR
Rplat. = 1k
Ω AT 0°C – ROSEMOUNT #118MF
LT1027
TO/FROM
MC68HC05
10
µF
TANTALUM
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1096/LTC1098
8-Pin SO, Micropower 8-Bit ADC
Low Power, Small Size, Low Cost
LTC1096L/LTC1098L
8-Pin SO, 2.65V Micropower 8-Bit ADC
Low Power, Small Size, Low Cost
LTC1196/LTC1198
8-Pin SO, 1Msps 8-Bit ADC
Low Power, Small Size, Low Cost
LTC1282
3V High Speed Parallel 12-Bit ADC
140ksps, Complete with VREF, CLK, Sample-and-Hold
LTC1285/LTC1288
8-Pin SO, 3V, Micropower
1- or 2-Channel, Auto Shutdown
LTC1289
Multiplexed 3V, 1A, 12-Bit ADC
8-Channel 12-Bit Serial I/O
LTC1594
4-Channel, 5V Micropower 12-Bit ADC
Low Power, Small Size, Low Cost
LTC1594L
4-Channel, 3V Micropower 12-Bit ADC
Low Power, Small Size, Low Cost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com