Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 28Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 29Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 30Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 31Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 32Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 33Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 30 of 34
June 27, 2012
B6
Cal_status
Calibration
Done
Read Only
B7-BF
Reserved
C0
Test_io
Output Test Mode [7:4]
User Test Mode [2:0]
00h
Part in SDR Mode
0 = Off (Note 15)
1 = Midscale Short
2 = +FS Short
3 = -FS Short
4 = Checkerboard Output (0xAAAA, 0x5555) (Note16
7 = 0xFFFF, 0x0000 all on pattern (Note17)
8 = User Pattern (1 to 8 deep, MSB Justified)
10 = Ramp
5, 6, 9, 11-15 = Reserved
Part in DDR Mode
0 = Off (Note 15)
1 = Midscale Short
2 = +FS Short
3 = -FS Short
4 = Reserved (Note16)
7 = Reserved (Note17)
8 = User Pattern (1 to 4 deep, MSB Justified)
10 = Ramp
5, 6, 9, 11-15 = Reserved
Part in SDR Mode
0 = User pattern 1 only
1 = Cycle pattern 1 through 2
2 = Cycle pattern 1 through 3
3 = Cycle pattern 1 through 4
4 = Cycle pattern 1 through 5
5= Cycle pattern 1 through 6
6 = Cycle pattern 1 through7
7 = Cycle pattern 1 through 8
Part in DDR Mode
0 = User pattern 1 only
1 = Cycle pattern 1,3
2 = Cycle pattern 1,3,5
3 = Cycle pattern 1,3,5,7
4-7 = NA
C1
User_patt1_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
C2
User_patt1_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C3
User_patt2_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
C4
User_patt2_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C5
User_patt3_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
C6
User_patt3_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C7
User_patt4_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
C8
User_patt4_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C9
User_patt5_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
CA
User_patt5_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
CB
User_patt6_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
CC
User_patt6_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
CD
User_patt7_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
CE
User_patt7_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
CF
User_patt8_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
D0
User_patt8_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
D1-FD
Reserved
Reserved
FE
Offset/Gain_Adjust_Enable
Reserved
Enable
‘1’ = Enable
00h
FF
Reserved
Reserved
NOTES:
15. During Calibration xCCCC (MSB justified) is presented at the output data bus, toggling on the LSB (and higher) data bits occurs at completion of calibration. This behavior
can be used as an option to determine calibration state.
16. Use test_io = 0x80 and User Pattern 1 = 0x9999 for Checkerboard outputs in DDR mode. In SDR mode, write ‘0x41’ to test_io for Checkerboard outputs.
17. Use test_io = 0x80 and User Pattern 1 = 0xAAAA for all ones/zeroes outputs in DDR mode. In SDR mode, write ‘0x71’ to test_io for all ones/zeroes outputs
SPI Memory Map (Continued)
ADDR.
(Hex)
PARAMETER NAME
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
DEF. VALUE
(HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com