Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  KMB-001LEVALZ Datasheet HTML 1Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 2Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 3Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FN7982 Rev 2.00
Page 1 of 34
June 27, 2012
FN7982
Rev 2.00
June 27, 2012
ISLA214P12
High Performance 14-Bit, 125MSPS ADC
DATASHEET
The ISLA214P12 is a high performance 14-bit 125MSPS
analog-to-digital converter offering very high dynamic range
and low power consumption. It carries the export control
classification number 3A991.c.3 and can be exported
without a license to most countries, including China and
Russia. It is part of a pin-compatible family of 12- to 16-bit
A/Ds with maximum sample rates ranging from 125 to
500MSPS. This allows a design using the ISLA214P12 to
accommodate any of the other pin-compatible A/Ds with
minimal changes.
The ISLA214P12 is very flexible and can be designed into a wide
variety of systems. A serial peripheral interface (SPI) port allows
access to its extensive configurability as well as provides digital
control over various analog parameters such as input gain and
offset. Digital output data is presented in selectable LVDS or
CMOS formats and can be configured as full-width, single data
rate (SDR) or half-width, double data rate (DDR). Operating from a
1.8V supply, performance is specified over the full industrial
temperature range (-40°C to +85°C).
Applications
• Radar Array Processing
•Software Defined Radio
• Broadband Communications
• High Performance Data Acquisition
• Communications Test Equipment
-
-
-
Features
• License-free Import for most countries including China and
Russia (ECCN 3A991.c.3).
•Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Multiple ADC Synchronization
- Optimized Output Timing
• Clock Duty Cycle Stabilizer
• Nap and Sleep Modes
• Programmable Built-in Test Patterns
• SDR/DDR LVDS-Compatible or LVCMOS Outputs
• Data Output Clock
Key Specifications
• SNR @ 125MSPS
-74.9dBFS fIN= 30MHz
- 70.9dBFS fIN = 363MHz
•SFDR @ 125MSPS
- 88dBc fIN = 30MHz
-84dBc fIN = 363MHz
• Total Power Consumption = 310mW
DIGITAL
ERROR
CORRECTION
VINP
VINN
CLOCK
MANAGEMENT
SHA
14-BIT
125 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
CLKOUTP
CLKOUTN
D[13:0]P
D[13:0]N
+
–
VCM
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
ISLA216P25
16
250
ISLA216P20
16
200
ISLA216P13
16
130
ISLA214P50
14
500
ISLA214P25
14
250
ISLA214P20
14
200
ISLA214P13
14
130
ISLA212P50
12
500
ISLA212P25
12
250
ISLA212P20
12
200
ISLA212P13
12
130


Similar Part No. - KMB-001LEVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KMB-001LEVALZ INTERSIL-KMB-001LEVALZ Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
KMB-001LEVALZ INTERSIL-KMB-001LEVALZ Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
August 17, 2012
KMB-001LEVALZ INTERSIL-KMB-001LEVALZ Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
KMB-001LEVALZ RENESAS-KMB-001LEVALZ Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
KMB-001LEVALZ RENESAS-KMB-001LEVALZ Datasheet
1Mb / 33P
High Performance Dual 14-Bit, 125MSPS ADC
Apr 8, 2024
More results

Similar Description - KMB-001LEVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
High Performance 12-Bit, 250/210/170/125MSPS ADC
December 5, 2008
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
14-Bit, 250/210/170/125MSPS ADC
March 4, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
August 17, 2012
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com