Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 9 of 34
June 27, 2012
Nap Mode
PD
48.6
53
mW
Sleep Mode
PD
CSB at logic high
6
10
mW
Nap/Sleep Mode Wakeup Time
Sample Clock Running
630
µs
AC SPECIFICATIONS
Differential Nonlinearity
DNL
fIN = 105MHz
±
0.25
LSB
Integral Nonlinearity
INL
fIN = 105MHz
±
2.5
LSB
Minimum Conversion Rate (Note 8)
fS MIN
40
MSPS
Maximum Conversion Rate
fS MAX
125
MSPS
Signal-to-Noise Ratio
(Note 9)
SNR
fIN = 30MHz
74.9
dBFS
fIN = 105MHz
73.0
74.3
dBFS
fIN = 190MHz
73.3
dBFS
fIN = 363MHz
70.9
dBFS
fIN = 461MHz
69.5
dBFS
fIN = 605MHz
67.8
dBFS
Signal-to-Noise and Distortion
(Note 9)
SINAD
fIN = 30MHz
74.6
dBFS
fIN = 105MHz
70.8
73.6
dBFS
fIN = 190MHz
72.2
dBFS
fIN = 363MHz
70.6
dBFS
fIN = 461MHz
65.9
dBFS
fIN = 605MHz
61.1
dBFS
Effective Number of Bits
(Note 9)
ENOB
fIN = 30MHz
12.10
Bits
fIN = 105MHz
11.47
11.93
Bits
fIN = 190MHz
11.70
Bits
fIN = 363MHz
11.44
Bits
fIN = 461MHz
10.65
Bits
fIN = 605MHz
9.86
Bits
Spurious-Free Dynamic Range
(Note 9)
SFDR
fIN = 30MHz
88
dBc
fIN = 105MHz
70
83
dBc
fIN = 190MHz
78
dBc
fIN = 363MHz
84
dBc
fIN = 461MHz
68
dBc
fIN = 605MHz
61
dBc
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (Typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 125Msps. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA214P12
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com