Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 14Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 15Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 13 of 34
June 27, 2012
FIGURE 2B. CMOS SDR
FIGURE 2. CMOS TIMING DIAGRAMS
Timing Diagrams (Continued)
CLKN
CLKP
INP
INN
tA
CLKOUT
tCPD
D[13:0]
LATENCY = L CYCLES
tDC
tPD
DATA
N-L
DATA
N-L+1
DATA
N
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITION
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
ADC OUTPUT
Aperture Delay
tA
114
ps
RMS Aperture Jitter
jA
75
fs
Input Clock to Output Clock Propagation
Delay
tCPD
AVDD, OVDD = 1.7V to 1.9V,
TA = -40°C to +85°C
1.65
2.4
3
ns
tCPD
AVDD, OVDD = 1.8V, TA = +25°C
1.9
2.3
2.75
ns
Relative Input Clock to Output Clock
Propagation Delay (Note 12)
dtCPD
AVDD, OVDD = 1.7V to 1.9V,
TA = -40°C to +85°C
-450
450
ps
Input Clock to Data Propagation Delay
tPD
1.65
2.4
3.5
ns
Output Clock to Data Propagation Delay,
LVDS Mode
tDC
Rising/Falling Edge
-0.1
0.16
0.5
ns
Output Clock to Data Propagation Delay,
CMOS Mode
tDC
Rising/Falling Edge
-0.1
0.2
0.65
ns
Synchronous Clock Divider Reset Setup
Time (with respect to the positive edge of
CLKP)
tRSTS
0.4
0.06
ns
Synchronous Clock Divider Reset Hold Time
(with respect to the positive edge of CLKP)
tRSTH
0.02
0.35
ns
Synchronous Clock Divider Reset Recovery
Time
tRSTRT
DLL recovery time after
Synchronous Reset
(sample clock not interrupted)
30
cycles
Latency (Pipeline Delay)
L
10
cycles
Overvoltage Recovery
tOVR
1cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com