Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  KMB-001LEVALZ Datasheet HTML 1Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 2Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 3Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 4 of 34
June 27, 2012
Pin Configuration - CMOS MODE
ISLA214P12
(72 LD QFN)
TOP VIEW
59
D0N
LVDS Bit 0 (LSB) Output Complement
DDR Logical Bits 0, 1
60
D0P
LVDS Bit 0 (LSB) Output True
DDR Logical Bits 0, 1
63, 64
ORN, ORP
LVDS Over Range Complement, True
DDR Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, LVDS Mode (Continued)
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION
DDR MODE COMMENTS
72
71
70
69
68
67
66
65
64
63
62
61
60
59
D3
DNC
D4
DNC
D5
DNC
CLKOUT
DNC
RLVDS
OVSS
D6
DNC
D7
DNC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC
DNC
NAPSLP
VCM
AVSS
AVDD
AVSS
VINN
VINN
VINP
VINP
AVSS
AVDD
AVSS
19
20
21
22
23
24
25
26
27
28
29
30
31
32
15
16
17
18
CLKDIV
DNC
DNC
RESETN
33
34
35
36
D8
DNC
D9
DNC
40
39
38
37
58
57
56
55
Connect Thermal Pad to AVSS
Consult Mechanical Drawing
for Physical Dimensions
Thermal Pad Not Drawn to Scale,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com