Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  KMB-001LEVALZ Datasheet HTML 1Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 2Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 3Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 5 of 34
June 27, 2012
Pin Descriptions - 72 Ld QFN, CMOS Mode
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
DDR MODE COMMENTS
1, 2, 16, 17, 28, 30, 33,
35, 37, 39, 41, 43, 47,
49, 51, 53, 55, 57, 59, 63
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71,
72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output
8, 9
VINN
Analog Input Negative
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN Synchronous Clock Divider Reset True, Complement
29
D13
CMOS Bit 13 (MSB) Output
NC in DDR Mode
31
D12
CMOS Bit 12 Output
DDR Logical Bits 12, 13
34
D11
CMOS Bit 11 Output
NC in DDR Mode
36
D10
CMOS Bit 10 Output
DDR Logical Bits 10, 11
38
D9
CMOS Bit 9 Output
NC in DDR Mode
40
D8
CMOS Bit 8 Output
DDR Logical Bits 8, 9
42
D7
CMOS Bit 7 Output
NC in DDR Mode
44
D6
CMOS Bit 6 Output
DDR Logical Bits 6, 7
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1% 10k
)
48
CLKOUT
CMOS Clock Output
50
D5
CMOS Bit 5 Output
NC in DDR Mode
52
D4
CMOS Bit 4 Output
DDR Logical Bits 4, 5
54
D3
CMOS Bit 3 Output
NC in DDR Mode
56
D2
CMOS Bit 2 Output
DDR Logical Bits 2, 3
58
D1
CMOS Bit 1 Output
NC in DDR Mode
60
D0
CMOS Bit 0 (LSB) Output
DDR Logical Bits 0, 1
64
OR
CMOS Over Range
DDR Over Range
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com