Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6516ACPZ-R7
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6516ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
ADRF6516
Rev. C | Page 27 of 29
Figure 60. Top Layer Silkscreen
Figure 61. Component Side Layout
Table 6. Evaluation Board Configuration Options
Components
Function
Default Conditions
C1, C2, C4, C5, C11, C12, C15,
C16, L1, L2, R2
Power supply and ground decoupling. Nominal supply decoupling
consists of a 0.1 µF capacitor to ground.
C1, C2 = 10 µF (Size 1210)
C4, C5, C11, C12, C15, C16 =
0.1 µF (Size 0402)
L1, L2 = 33 µH (Size 1812)
R2 = 1 kΩ (Size 0402)
T1, T2, C3, C6, C7 to C10, R31,
R32, R43 to R58
Input interface. Input SMAs INP1, INM1_SE_P, INP2_SE_P, and INM2
are used to drive the part differentially by bypassing the baluns.
Using only INM1_SE_P and INP2_SE_P in conjunction with the baluns
enables single-ended operation. The default configuration of the
evaluation board is for single-ended operation.
T1 and T2 are 8:1 impedance ratio baluns that transform a single-
ended signal in a 50 Ω system into a balanced differential signal in a
400 Ω system.
R31, R32, R47, R48, R49, and R50 are populated for appropriate balun
interface. R51 to R58 are provided for generic placement of matching
components.
To bypass the T1 and T2 baluns for differential interfacing, remove
the balun interfacing resistors R31, R32, R47, R48, R49, and R50, and
populate R43, R44, R45, and R46 with 0 Ω resistors.
T1, T2 = ADT8-1T+ (Mini-Circuits)
C3, C6 = 0.1 µF (Size 0402)
C7 to C10 = 100 nF (Size 0602)
R31, R32, R47 to R50, R53, R54,
R57, R58 = 0 Ω (Size 0402)
R43 to R46, R51, R52, R55, R56 =
open (Size 0402)
T3, T4, C19 to C24,
R7 to R14, R19, R20,
R35 to R42
Output interface. Output SMAs OPP1_SE_P, OPM1, OPP2, and
OPM2_SE_P are used to obtain differential signals from the part
when the output baluns are bypassed. Using OPP1_SE_P,
OPM2_SE_P, and the baluns, the user can obtain single-ended output
signals. The default configuration of the evaluation board is for
single-ended operation.
T3 and T4 are 8:1 impedance ratio baluns that transform a differential
signal in a 400 Ω system into a single-ended signal in a 50 Ω system.
R7, R8, R9, R10, R19, R20, R35, R36, R41, and R42 are populated for
appropriate balun interface. R7 to R14 are provided for generic
placement of matching components.
To bypass the T3 and T4 baluns for differential interfacing, remove
the balun interfacing resistors R19, R20, R35, R36, R41, and R42, and
populate R37, R38, R39, and R40 with 0 Ω resistors.
T3, T4 = ADT8-1T+ (Mini-Circuits)
C19 to C22 = 100 nF (Size 0402)
C23, C24 = 0.1 µF (Size 0402)
R7 to R10, R19, R20, R35, R36,
R41, R42 = 0 Ω (Size 0402)
R11 to R14, R37 to R40 = open
(Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com