Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6516ACPZ-R7
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6516ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADRF6516
Data Sheet
Rev. C | Page 14 of 29
352
354
356
358
360
362
364
366
368
370
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
DIGITAL GAIN = 000
DIGITAL GAIN = 111
BANDWIDTH = 31MHz
Figure 41. Current Consumption at Minimum and Maximum Digital Gain
vs. Temperature (Bandwidth Setting = 31 MHz, Gain = 30 dB)
28MHz SIGNAL = 60mV p-p
TO 600mV p-p
200ns/DIV
20dB GAIN STEP
VGAIN = 750mV TO 450mV
BANDWIDTH = 31MHz
Figure 42. Gain Step Response
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
FREQUENCY (MHz)
BANDWIDTH = 31MHz
GAIN = 20dB
GAIN = 40dB
Figure 43. Common-Mode Rejection Ratio (CMRR) vs. Frequency
(Bandwidth Setting = 31 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com