Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6516ACPZ-R7
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6516ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
ADRF6516
Rev. C | Page 17 of 29
500
400
300
200
100
0
–100
100k
1M
10M
100M
FREQUENCY (Hz)
BW = 2MHz
BW = 28MHz
14×
Figure 46. Sixth-Order Butterworth Group Delay Response for
0.5 dB Bandwidths Programmed to 2 MHz and 28 MHz
The corner frequency of the filters is defined by RC products,
which can vary by ±30% in a typical process. Therefore, all the
parts are factory calibrated for corner frequency, resulting in
a residual ±15% corner frequency variation over the −40°C to
+85°C temperature range. Although absolute accuracy requires
calibration, the matching of RC products between the pair of
channels is better than 1% by observing careful design and
layout practices. Calibration and excellent matching ensure
that the magnitude and group delay responses of both channels
track together, a critical requirement for digital IQ-based
communication systems.
VARIABLE GAIN AMPLIFIERS (VGAs)
The cascaded VGAs are based on the Analog Devices, Inc.,
patented X-AMP® architecture, consisting of tapped 25 dB
attenuators followed by programmable gain amplifiers. The
X-AMP architecture generates a continuous linear-in-dB
monotonic gain response with low ripple. The analog gains of
both cascaded VGA sections are controlled through the high
impedance GAIN pin with an accurate slope of 15 mV/dB.
The gain response shown in Figure 47 shows the GAIN pin
voltage range and the absence of gain foldback at high VGAIN.
By changing the gains of both VGAs simultaneously, a more
gradual variation in noise and distortion is achieved. The fixed
gain following each of the variable gain sections can also be pro-
grammed to two different values to maximize dynamic range.
50
–10
0.3
–0.3
0
VGAIN (V)
0
10
20
30
40
0.50
0.25
0.75 1.00
1.50
1.25
1.75 2.00 2.25 2.50 2.75 3.00
–0.2
–0.1
0
0.1
0.2
15mV/dB
Figure 47. Linear-in-dB Gain Control Response of the X-AMP VGA Cascade
Showing Consistent Slope and Low Error
OUTPUT BUFFERS/ADC DRIVERS
The low impedance (30 Ω) output buffers of the ADRF6516
are designed to drive either ADC inputs or subsequent amplifier
stages. They are capable of delivering up to 1.5 V p-p composite
two-tone signals into 1 kΩ differential loads with >65 dBc
IMD3. The output common-mode voltage defaults to VPS/2,
but it can be adjusted from 700 mV to 2.8 V without loss of
drive capability by presenting the VOCM pin with the desired
common-mode voltage. The high input impedance of VOCM
allows the ADC reference output to be connected directly. Even
though the output common-mode voltage is adjustable and the
offset compensation loop can null the accumulated dc offsets
(see the DC Offset Compensation Loop section), it may still be
desirable to ac couple the outputs by selecting the coupling cap-
acitors according to the load impedance and desired bandwidth.
DC OFFSET COMPENSATION LOOP
In many signal processing applications, no information is
carried in the dc level. In fact, dc voltages and other low
frequency disturbances can often dominate the intended signal
and consume precious dynamic range in the analog path and
bits in the data converters. These dc voltages can be present
with the desired input signal or can be generated inside the
signal path by inherent dc offsets or other unintended signal-
dependent processes such as self-mixing or rectification.
Because the ADRF6516 is fully dc-coupled, it may be necessary
to remove these offsets to realize the maximum signal-to-noise
ratio (SNR). This can be achieved with ac coupling capacitors at
the input and output pins; however, large value capacitors with
low impedance values are required because the high-pass corners
must be <10 Hz. To address the issue of dc offsets, the ADRF6516
provides an offset compensation loop that nulls the output differ-
ential dc level, as shown in Figure 48. If the compensation loop
is not required, it can be disabled by pulling the OFDS pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com