Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6516ACPZ-R7
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6516ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ADRF6516
Data Sheet
Rev. C | Page 12 of 29
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
–55 –50 –45 –40 –35 –30 –25 –20 –15 –10
–5
0
5
INPUT LEVEL AT 115MHz AND 215MHz (dBV/TONE)
3:1 SLOPE
BANDWIDTH = 31MHz
OUT-OF-BAND IIP3
PREAMP GAIN = 3dB
PREAMP GAIN = 6dB
Figure 29. Out-of-Band IIP3, IMD3 Tone at Midband
(Bandwidth Setting = 31 MHz)
10
15
20
25
30
35
40
45
50
55
60
–20
–10
0
10
20
30
40
50
GAIN (dB)
DIGITAL GAIN = 000
DIGITAL GAIN = 100
DIGITAL GAIN = 110
DIGITAL GAIN = 111
Figure 30. Noise Figure vs. Analog Gain over Digital Gain
(Bandwidth Setting = 31 MHz, Noise Figure at 1/2 Bandwidth)
20
25
30
35
40
45
50
–5
5
15
25
35
45
GAIN (dB)
1MHz
2MHz
4MHz
8MHz
16MHz
31MHz
Figure 31. Noise Figure vs. Gain over Bandwidth Setting
(Digital Gain = 111, Noise Figure at 1/2 Bandwidth)
–150
–155
–160
–130
–135
–140
–145
–110
–115
–120
–125
–20
–10
0
10
20
30
40
50
GAIN (dB)
DIGITAL GAIN = 000
DIGITAL GAIN = 100
DIGITAL GAIN = 110
DIGITAL GAIN = 111
Figure 32. Output Noise Density vs. Analog Gain over Digital Gain
(Bandwidth Setting = 31 MHz, Measured at 1/2 Bandwidth)
–150
–140
–145
–120
–125
–130
–135
–100
–105
–110
–115
–5
5
15
25
35
45
50
0
10
20
30
40
GAIN (dB)
1MHz
2MHz
4MHz
8MHz
16MHz
31MHz
Figure 33. Output Noise Density vs. Gain over Bandwidth Setting
(Digital Gain = 111, Measured at 1/2 Bandwidth)
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
FREQUENCY (MHz)
GAIN = 20dB
GAIN = 0dB
GAIN = 40dB
BANDWIDTH = 1MHz
DIGITAL GAIN = 111
Figure 34. Output Noise Density vs. Frequency
(Bandwidth Setting = 1 MHz, Digital Gain = 111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com