Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6516ACPZ-R7
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6516ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADRF6516
Data Sheet
Rev. C | Page 6 of 29
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltages, VPS, VPSD
3.45 V
ENBL, OFDS, LE, CLK, DATA, SDO
VPSD + 0.5 V
INP1, INM1, INP2, INM2
VPS + 0.5 V
OPP1, OPM1, OPP2, OPM2
VPS + 0.5 V
OFS1, OFS2
VPS + 0.5 V
GAIN
VPS + 0.5 V
Internal Power Dissipation
1.25 W
θJA (Exposed Pad Soldered to Board)
37.4°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com