Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6516ACPZ-R7
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6516ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6516ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
ADRF6516
Rev. C | Page 11 of 29
50
55
60
65
70
75
80
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
VICM (V)
GAIN = 0dB, HD2
GAIN = 0dB, HD3
GAIN = 10dB, HD2
GAIN = 10dB, HD3
Figure 23. HD2 and HD3 vs. Input Common-Mode Voltage
(Bandwidth Setting = 31 MHz, 0.4 V p-p Input Level)
0
5
10
15
20
25
30
35
40
45
50
GAIN (dB)
DIGITAL GAIN = 000
DIGITAL GAIN = 111
BANDWIDTH = 31MHz
f1 = 14MHz, f2 = 15MHz
0
5
10
15
20
25
30
35
40
45
Figure 24. In-Band OIP3 vs. Gain (Bandwidth Setting = 31 MHz)
0
5
10
15
20
25
30
35
40
45
50
GAIN (dB)
BANDWIDTH = 31MHz
f1 = 14MHz, f2 = 15MHz
DIGITAL GAIN = 111
–40°C
+85°C
0
5
10
15
20
25
30
35
40
45
+25°C
Figure 25. In-Band OIP3 vs. Gain over Temperature
(Bandwidth Setting = 31 MHz)
10
20
30
40
50
60
70
80
90
100
110
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
COMPOSITE OUTPUT VOLTAGE (V p-p)
GAIN = 30dB
GAIN = 20dB
GAIN = 10dB
GAIN = 0dB
Figure 26. In-Band Third-Order Intermodulation Distortion
(Bandwidth Setting = 31 MHz, Digital Gain = 000)
0
10
20
30
40
50
60
70
80
90
100
GAIN = 40dB
GAIN = 30dB
GAIN = 20dB
GAIN = 10dB
GAIN = 0dB
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
COMPOSITE OUTPUT VOLTAGE (V p-p)
Figure 27. In-Band Third-Order Intermodulation Distortion
(Bandwidth Setting = 31 MHz, Digital Gain = 111)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
–55 –45 –35 –25 –15
–5
5
15
25
35
45
55
65
INPUT LEVEL AT 115MHz AND 130MHz (dBV/TONE)
OUT-OF-BAND IIP2
PREAMP GAIN = 3dB
PREAMP GAIN = 6dB
2:1 SLOPE
BANDWIDTH = 31MHz
Figure 28. Out-of-Band IIP2, IMD2 Tone at Midband
(Bandwidth Setting = 31 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com