Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28C010 Datasheet(PDF) 10 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 10 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 6Page - Force Technologies Ltd FT28C010 Datasheet HTML 7Page - Force Technologies Ltd FT28C010 Datasheet HTML 8Page - Force Technologies Ltd FT28C010 Datasheet HTML 9Page - Force Technologies Ltd FT28C010 Datasheet HTML 10Page - Force Technologies Ltd FT28C010 Datasheet HTML 11Page - Force Technologies Ltd FT28C010 Datasheet HTML 12Page - Force Technologies Ltd FT28C010 Datasheet HTML 13Page - Force Technologies Ltd FT28C010 Datasheet HTML 14Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SYSTEM CONSIDERATIONS
Because the FT28C010 is frequently used in large memory
arrays it is provided with a two line control architecture
for both read and write operations. Proper usage can
provide the lowest possible power dissipation and elimi-
nate the possibility of contention where multiple I/O pins
share the same bus.
To gain the most benefit it is recommended that CE be
decoded from the address bus and be used as the
primary device selection input. BothOE and WE would
then be common among all devices in the array. For a
read operation this assures that all deselected devices
are in their standby mode and that only the selected
device(s) is outputting data on the bus.
Because the FT28C010 has two power modes, standby
and active, proper decoupling of the memory array is of
prime concern. Enabling CE will cause transient current
spikes. The magnitude of these spikes is dependent on
the output capacitive loading of the I/Os. Therefore, the
larger the array sharing a common bus, the larger the
transient spikes. The voltage peaks associated with the
current transients can be suppressed by the proper
selection and placement of decoupling capacitors. As a
minimum, it is recommended that a 0.1 µF high fre-
quency ceramic capacitor be used between V CC and
VSS at each device. Depending on the size of the array,
the value of the capacitor may have to be larger.
In addition, it is recommended that a 4.7µF electrolytic
bulk capacitor be placed between VCC and VSS for each
eight devices employed in the array. This bulk capacitor
is employed to overcome the voltage droop caused by
the inductive effects of the PC board traces.
Active Supply Current vs. Ambient Temperature
ICC (RD) by Temperature over Frequency
Standby Supply Current vs. Ambient Temperature
–55
–10
+125
0.15
0.2
0.25
0.3
AMBIENT TEMPERATURE (°C)
0.05
+35
+80
VCC = 5V
0.1
–55
–10
+125
12
14
16
18
AMBIENT TEMPERATURE (°C)
10
+35
+80
VCC = 5V
0
315
30
40
50
5.0 VCC
FREQUENCY (MHz)
10
69
–55→C
+25→C
+125→C
12
20
60
FT28C010-xxxxx-X
Rev 1.1
10/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com