Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28C010 Datasheet(PDF) 13 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 13 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 9Page - Force Technologies Ltd FT28C010 Datasheet HTML 10Page - Force Technologies Ltd FT28C010 Datasheet HTML 11Page - Force Technologies Ltd FT28C010 Datasheet HTML 12Page - Force Technologies Ltd FT28C010 Datasheet HTML 13Page - Force Technologies Ltd FT28C010 Datasheet HTML 14Page - Force Technologies Ltd FT28C010 Datasheet HTML 15Page - Force Technologies Ltd FT28C010 Datasheet HTML 16Page - Force Technologies Ltd FT28C010 Datasheet HTML 17Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Read Cycle Limits
FT28C010-12 FT28C010-15 FT28C010-20 FT28C010-25
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max. Units
tRC
Read Cycle Time
120
150
200
250
ns
tCE
Chip Enable Access Time
120
150
200
250
ns
tAA
Address Access Time
120
150
200
250
ns
tOE
Output Enable Access Time
50
50
50
50
ns
tLZ(3)
CE
LOW to Active Output
0
0
0
0
ns
tOLZ(3)
OE
LOW to Active Output
0
0
0
0
ns
tHZ(3)
CE
HIGH to High Z Output
50
50
50
50
ns
tOHZ(3)
OE
HIGH to High Z Output
50
50
50
50
ns
tOH
Output Hold from
0
0
0
0
ns
Address Change
Read Cycle
Note: (3) tLZ min.,tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured, with CL =
5pF, from the point when CE or OE return HIGH (whichever occurs first) to the time when the outputs are no longer driven.
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
VIH
HIGH Z
FT28C010-xxxxx-X
Rev 1.1
13/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com