Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28C010 Datasheet(PDF) 1 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 1 Page - Force Technologies Ltd

  FT28C010 Datasheet HTML 1Page - Force Technologies Ltd FT28C010 Datasheet HTML 2Page - Force Technologies Ltd FT28C010 Datasheet HTML 3Page - Force Technologies Ltd FT28C010 Datasheet HTML 4Page - Force Technologies Ltd FT28C010 Datasheet HTML 5Page - Force Technologies Ltd FT28C010 Datasheet HTML 6Page - Force Technologies Ltd FT28C010 Datasheet HTML 7Page - Force Technologies Ltd FT28C010 Datasheet HTML 8Page - Force Technologies Ltd FT28C010 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FEATURES
•
Access Time: 120ns
•
Simple Byte and Page Write
—Single 5V Supply
—No External High Voltages or VPP Control Circuits
—Self-Timed
—No Erase Before Write
—No Complex Programming Algorithms
—No Overerase Problem
•
Low Power CMOS:
—Active: 50mA
—Standby: 500µA
•
Software Data Protection
—Protects Data Against System Level
Inadvertant Writes
•
High Speed Page Write Capability
•
Highly Reliable Cell
—Endurance: 100,000 Write Cycles
—Data Retention: 100 Years
•
Early End of Write Detection
—DATA Polling
—Toggle Bit Polling
DESCRIPTION
The Force FT28C010 is a 128K x 8 E2PROM, fabricated
with, high performance, floating gate CMOS technology.
Like most Force programmable nonvolatile memories
the FT28C010 is a 5V only device. The FT28C010
features the JEDEC approved pinout for byte-
wide memories, compatible with industry standard
EPROMs.
The FT28C010 supports a 256-byte page write operation,
effectively providing a 19 µs/byte write cycle and en-
abling the entire memory to be typically written in less
than 2.5 seconds. The FT28C010 also features DATA
Polling and Toggle Bit Polling, system software support
schemes used to indicate the early completion of a write
cycle. In addition, the FT28C010 supports Software Data
Protection option.
Force E2PROMs are designed and tested for applica-
tions requiring extended endurance. Data retention is
specified to be greater than 100 years.
FT28C010-xxxxx-X
128K x 8 Bit 5V EEPROM
FEATURES
•
Fast Read Access Time 120ns
•
Automatic Page Write Operation
Internal Address and Data Latches for
128-Bytes Internal Control Timer
•
Fast Write Cycle Time
Page Write Cycle Time - 10 ms Maximum
1 to 128-Byte Page Write Operation
•
Low Power Dissipation
80 mA Active Current
300 µA CMOS Standby Current
•
Hardware and Software Data Protection
•
DATA Polling for End of Write Detection
•
High Reliability CMOS Technology
Endurance: 104
Data Retention: 10 Years
•
Single 5V ± 10% Supply
•
CMOS and TTL Compatible Inputs and Outputs
DESCRIPTION
The FT28C010 is a high-performance Electrically Erasable
and Programmable Read Only Memory. Its one megabit of
memory isorganised as 131,072 words by 8 bits.
Manufactured with advanced nonvolatile CMOS technology,
the device offersaccess times to 120 ns with power dissipa-
tion of just 440 mW. When the device isdeselected, the CMOS
standby current is less than 300 mA.
-X Manufactured using Xicor Die
128K x 8 Bit 5V EEPROM
•
-AT Manufactured using Atmel Die
•
(Cont)
FT28C010-xxxxx-AT
Rev 1.1
1/30
2011


Similar Part No. - FT28C010

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT28C16 FORCE-FT28C16 Datasheet
1Mb / 12P
Parallel EEPRO M 16K (2Kx8)
FT28C16-15 FORCE-FT28C16-15 Datasheet
1Mb / 12P
Parallel EEPRO M 16K (2Kx8)
FT28C16-15DC FORCE-FT28C16-15DC Datasheet
1Mb / 12P
Parallel EEPRO M 16K (2Kx8)
FT28C16-15DI FORCE-FT28C16-15DI Datasheet
1Mb / 12P
Parallel EEPRO M 16K (2Kx8)
FT28C16-15DM FORCE-FT28C16-15DM Datasheet
1Mb / 12P
Parallel EEPRO M 16K (2Kx8)
More results

Similar Description - FT28C010

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
1 Megabit (128K x 8-Bit) EEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
1 Megabit (128K x 8-bit) 5V Flash Memory
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
3.3V 1 Megabit (128K x 8-Bit) EEPROM
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F200 ALSC-AS29F200 Datasheet
375Kb / 20P
5V 256K x 8/128K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
128K x 8 EEPROM EEPROM Memory
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com