Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28C010 Datasheet(PDF) 4 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 4 Page - Force Technologies Ltd

  FT28C010 Datasheet HTML 1Page - Force Technologies Ltd FT28C010 Datasheet HTML 2Page - Force Technologies Ltd FT28C010 Datasheet HTML 3Page - Force Technologies Ltd FT28C010 Datasheet HTML 4Page - Force Technologies Ltd FT28C010 Datasheet HTML 5Page - Force Technologies Ltd FT28C010 Datasheet HTML 6Page - Force Technologies Ltd FT28C010 Datasheet HTML 7Page - Force Technologies Ltd FT28C010 Datasheet HTML 8Page - Force Technologies Ltd FT28C010 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DEVICE OPERATION
Read
Read operations are initiated by both OE and CE LOW.
The read operation is terminated by either CE or OE
returning HIGH. This two line control architecture elimi-
nates bus contention in a system environment. The data
bus will be in a high impedance state when either OE or
CE
is HIGH.
Write
Write operations are initiated when both CE andWE are
LOW and OE is HIGH. The FT28C010 supports both a
CE
and WE controlled write cycle. That is, the address
is latched by the falling edge of eitherCE or WE, which-
ever occurs last. Similarly, the data is latched internally by
the rising edge of either CE or WE, whichever occurs first.
A byte write operation, once initiated, will automatically
continue to completion, typically within 5ms.
Page Write Operation
The page write feature of the FT28C010 allows the entire
memory to be written in 5 seconds. Page write allows
two to two hundred fifty-six bytes of data to be consecu-
tively written to the FT28C010 prior to the commence-
ment of the internal programming cycle. The host can
fetch data from another device within the system during
a page write operation (change the source address), but
the page address (A8 through A16) for each subsequent
valid write cycle to the part during this operation must be
the same as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host
can write an additional one to two hundred fifty six bytes
in the same manner as the first byte was written. Each
successive byte load cycle, started by the WE HIGH to
LOW transition, must begin within 100 µs of the falling
edge of the preceding WE. If a subsequent WE HIGH to
LOW transition is not detected within 100 µs, the internal
automatic programming cycle will commence. There is
no page write window limitation. Effectively the page
write window is infinitely wide, so long as the host
continues to access the device within the byte load cycle
time of 100µs.
Write Operation Status Bits
The FT28C010 provides the user two write operation
status bits. These can be used to optimise a system
write cycle time. The status bits are mapped onto the
I/O bus as shown in Figure 1.
DATA
Polling (I/O7)
The FT28C010 features DATA Polling as a method to
indicate to the host system that the byte write or page
write cycle has completed. DATA Polling allows a simple
bit test operation to determine the status of the FT28C010,
eliminating additional interrupt inputs or external hard-
ware. During the internal programming cycle, any at-
tempt to read the last byte written will produce the
complement of that data on I/O7 (i.e., write data = 0xxx
xxxx, read data = 1xxx xxxx). Once the programming
cycle is complete, I/O7 will reflect true data. Note: If the
FT28C010 is in the protected state and an illegal write
operation is attempted DATA Polling will not operate.
Toggle Bit (I/O6)
The FT28C010 also provides another method for deter-
mining when the internal write cycle is complete. During
the internal programming cycle, I/O 6 will toggle from
HIGH to LOW and LOW to HIGH on subsequent at-
tempts to read the device. When the internal cycle is
complete the toggling will cease and the device will be
accessible for additional read or write operations.
Figure 1. Status Bit Assignment
5TB
DP
43210
I/O
RESERVED
TOGGLE BIT
DATA POLLING
FT28C010-xxxxx-X
Rev 1.1
4/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com