Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28C010 Datasheet(PDF) 3 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 3 Page - Force Technologies Ltd

  FT28C010 Datasheet HTML 1Page - Force Technologies Ltd FT28C010 Datasheet HTML 2Page - Force Technologies Ltd FT28C010 Datasheet HTML 3Page - Force Technologies Ltd FT28C010 Datasheet HTML 4Page - Force Technologies Ltd FT28C010 Datasheet HTML 5Page - Force Technologies Ltd FT28C010 Datasheet HTML 6Page - Force Technologies Ltd FT28C010 Datasheet HTML 7Page - Force Technologies Ltd FT28C010 Datasheet HTML 8Page - Force Technologies Ltd FT28C010 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PIN DESCRIPTIONS
Addresses (A0–A16)
The Address inputs select an 8-bit memory location
during a read or write operation.
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/
write operations. When CE is HIGH, power consumption
is reduced.
Output Enable (OE)
The Output Enable input controls the data output buffers
and is used to initiate read operations.
Data In/Data Out (I/O0–I/O7)
Data is written to or read from the FT28C010 through the
I/O pins.
Write Enable (WE)
The Write Enable input controls the writing of data to the
FT28C010.
PIN NAMES
Symbol
Description
A0–A16
Address Inputs
I/O0–I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
FUNCTIONAL DIAGRAM
X BUFFERS
LATCHES AND
DECODER
I/O BUFFERS
AND LATCHES
Y BUFFERS
LATCHES AND
DECODER
CONTROL
LOGIC AND
TIMING
1M-BIT
E2PROM
ARRAY
I/O0–I/O7
DATA INPUTS/OUTPUTS
CE
OE
VCC
VSS
A8–A16
WE
A0–A7
FT28C010-xxxxx-X
Rev 1.1
3/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com