Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT28C010 Datasheet(PDF) 21 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 21 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 17Page - Force Technologies Ltd FT28C010 Datasheet HTML 18Page - Force Technologies Ltd FT28C010 Datasheet HTML 19Page - Force Technologies Ltd FT28C010 Datasheet HTML 20Page - Force Technologies Ltd FT28C010 Datasheet HTML 21Page - Force Technologies Ltd FT28C010 Datasheet HTML 22Page - Force Technologies Ltd FT28C010 Datasheet HTML 23Page - Force Technologies Ltd FT28C010 Datasheet HTML 24Page - Force Technologies Ltd FT28C010 Datasheet HTML 25Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AC Read Waveforms(1)(2)(3)(4)
Notes: 1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact in tACC.
3. tDF is specified from OE or CE wichever occurs first (CL = 5 pF).
4. This parameter is characterised and is not 100% tested.
Input Test Waveforms and
Measurement Level
Output Test Load
Note:
1. This parameter is 100% characterised and is not 100% tested.
AC Read Characteristics (Commercial/Industrial/Military)
Symbol
Parameter
FT28C010-12
FT28C010-15
FT28C010-20
FT28C010-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
tACC
Address to Output Delay
120
150
200
250
ns
tCE (1)
CE to Output Delay
120
150
200
250
ns
tOE (2)
OE
t
o
O
utput
D
elay
050
055055055ns
tDF (3, 4)
CE or OE
t
o Output
F
loat
050
055055055ns
tOH
Output Hold from OE, CE or
Address, whichever occurred first
0000ns
Pin Capacitance
f = 1 MHz, T = 25°C(1)
Symbol
Typ
Max
Units
Conditions
CIN
410pFVIN = 0V
COUT
812pFVOUT = 0V
FT28C010-xxxxx-AT
Rev 1.1
21/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com