Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8133ACPZ-R2
Description  Triple Differential Driver with Output Pull-Down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8133ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD8133
Data Sheet
Rev. A | Page 4 of 17
VS = 5 V, VOCM = 2.5 V @ 25°C, RL,dm = 200 Ω, unless otherwise noted. TMIN to TMAX = −40°C to +85°C.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VO = 0.2 V p-p
400
MHz
−3 dB Large Signal Bandwidth
VO = 2 V p-p
200
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p
50
MHz
Slew Rate
VO = 2 V p-p, 25% to 75%
1400
V/µs
Settling Time to 0.1%
VO = 2 V Step
14
ns
Isolation Between Amplifiers
f = 10 MHz, between Amplifiers A and B
75
dB
DIFFERENTIAL INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
0 to 5
V
Input Resistance
Differential
1.5
kΩ
Single-Ended Input
1.13
kΩ
Input Capacitance
Differential
1
pF
DC CMRR
ΔVOUT, dm/ΔVIN, cm, ΔVIN, cm = ±1 V
−50
dB
DIFFERENTIAL OUTPUT CHARACTERISTICS
Differential Signal Gain
ΔVOUT, dm/ΔVIN, dm; ΔVIN, dm = ±1 V
1.925
1.960
2.000
Output Voltage Swing
Each Single-Ended Output
VS− + 1.25
VS+ − 1.15
V
Output Offset Voltage
−24
+4
+24
mV
Output Offset Drift
TMIN to TMAX
±30
µV/°C
Output Balance Error
ΔVOUT,cm/ΔVIN,dm, ΔVOUT,dm = 2 V p-p, f = 50 MHz
−60
dB
DC
−70
−58
dB
Output Voltage Noise (RTO)
f = 1 MHz
25
nV/√Hz
Output Short-Circuit Current
90
mA
VOCM PERFORMANCE
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
ΔVOCM = 100 mV p-p
290
MHz
Slew Rate
VOCM = −1 V to +1 V, 25% to 75%
700
V/µs
DC Gain
ΔVOCM = ±1 V, TMIN to TMAX
0.980
0.995
1.005
V/V
VOCM INPUT CHARACTERISTICS
Input Voltage Range
1.25 to 3.85
V
Input Resistance
70
kΩ
Input Offset Voltage
−15
+2
+15
mV
Input Offset Voltage Drift
TMIN to TMAX
±50
µV/°C
DC CMRR
ΔVO, dm/ΔVOCM; ΔVOCM = ±1 V
−42
dB
POWER SUPPLY
Operating Range
+4.5
±6
V
Quiescent Current
26
27
mA
PSRR
ΔVOUT, dm/ΔVS; ΔVS = ±1 V
−84
−76
dB
OUTPUT PULL-DOWN PERFORMANCE
OPD Input Low Voltage
VS− to VS+ − 3.85
V
OPD Input High Voltage
VS+ − 2.85 to VS+
V
OPD Input Bias Current
63
80
µA
OPD Assert Time
100
ns
OPD De-Assert Time
100
ns
Output Voltage When OPD Asserted
Each Output, OPD Input @ VS+
VS− + 0.79
VS− + 0.82
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com