Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8133ACPZ-R2
Description  Triple Differential Driver with Output Pull-Down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8133ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
AD8133
Rev. A | Page 13 of 17
THEORY OF OPERATION
Each differential driver in the AD8133 differs from a
conventional op amp in that it has two outputs whose voltages
move in opposite directions. Like an op amp, it relies on high
open-loop gain and negative feedback to force these outputs to
the desired voltages. The AD8133 drivers make it easy to
perform single-ended-to-differential conversion, common-
mode level shifting, and amplification of differential signals.
Previous differential drivers, both discrete and integrated
designs, have been based on using two independent amplifiers
and two independent feedback loops, one to control each of the
outputs. When these circuits are driven from a single-ended
source, the resulting outputs are typically not well balanced.
Achieving a balanced output has typically required exceptional
matching of the amplifiers and feedback networks.
DC common-mode level shifting has also been difficult with
previous differential drivers. Level shifting has required the use
of a third amplifier and feedback loop to control the output
common-mode level. Sometimes, the third amplifier has also
been used to attempt to correct an inherently unbalanced
circuit. Excellent performance over a wide frequency range has
proven difficult with this approach.
Each of the AD8133 drivers uses two feedback loops to
separately control the differential and common-mode output
voltages. The differential feedback, set by the internal resistors,
controls only the differential output voltage. The internal
common-mode feedback loop controls only the common-mode
output voltage. This architecture makes it easy to arbitrarily set
the output common-mode level by simply applying a voltage to
the VOCM input. The output common-mode voltage is forced, by
internal common-mode feedback, to equal the voltage applied to
the VOCM input, without affecting the differential output voltage.
The AD8133 architecture results in outputs that are highly
balanced over a wide frequency range without requiring
external components or adjustments. The common-mode
feedback loop forces the signal component of the output
common-mode voltage to be zeroed. The result is nearly
perfectly balanced differential outputs of identical amplitude
that are exactly 180° apart in phase.
DEFINITION OF TERMS
Differential Voltage
Differential voltage refers to the difference between two node
voltages that are balanced with respect to each other. For
example, in Figure 34 the output differential voltage (or
equivalently output differential mode voltage) is defined as
(
)
ON
OP
dm
OUT
V
V
V
−
=
,
Common-mode voltage refers to the average of two node
voltages with respect to a common reference. The output
common-mode voltage is defined as
2
)
(
,
ON
OP
cm
OUT
V
V
V
+
=
Output Balance
Output balance is a measure of how well the differential output
signals are matched in amplitude and how close they are to
exactly 180° apart in phase. Balance is most easily determined
by placing a well-matched resistor divider between the
differential output voltage nodes and comparing the magnitude
of the signal at the divider’s midpoint with the magnitude of the
differential signal. By this definition, output balance error is the
magnitude of the change in output common-mode voltage
divided by the magnitude of the change in output differential-
mode voltage in response to a differential input signal.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
∆
∆
=
ANALYZING AN APPLICATION CIRCUIT
The AD8133 uses high open-loop gain and negative feedback to
force its differential and common-mode output voltages to
minimize the differential and common-mode input error
voltages. The differential input error voltage is defined as the
voltage between the differential inputs labeled VAP and VAN in
Figure 34. For most purposes, this voltage can be assumed to be
zero. Similarly, the difference between the actual output
common-mode voltage and the voltage applied to VOCM can also
be assumed to be zero. Starting from these two assumptions,
any application circuit can be analyzed.
CLOSED-LOOP GAIN
The differential mode gain of the circuit in Figure 34 can be
described by the following equation.
2
=
=
G
F
IN,dm
OUT,dm
R
R
V
V
where RF = 1.5 kΩ and RG = 750 Ω nominally.
RG
VAP
VAN
VIP
VIN
+
VIN, dm
–
VOCM
VON
VOP
VOUT, dm
RG
RF
RF
RL, dm
Figure 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com