Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8133ACPZ-R2
Description  Triple Differential Driver with Output Pull-Down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8133ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Triple Differential Driver
with Output Pull-Down
Data Sheet
AD8133
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Triple high speed fully differential driver
225 MHz −3 dB large signal bandwidth
Easily drives 1.4 V p-p video signal into source-terminated
100 Ω UTP cable
1600 V/µs slew rate
Fixed internal gain of 2
Internal common-mode feedback network
Output balance error −60 dB @ 50 MHz
Differential input and output
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Output pull-down feature for line isolation
Low distortion: 64 dB SFDR @ 10 MHz on 5 V supply,
RL, dm = 200 Ω
Low offset: 4 mV typical output referred on 5 V supply
Low power: 26 mA @ 5 V for three drivers
Wide supply voltage range: +5 V to ±5 V
Available in space-saving packaging: 4 mm × 4 mm LFCSP
APPLICATIONS
KVM (keyboard-video-mouse) networking
UTP (unshielded twisted pair) driving
Differential signal multiplexing
GENERAL DESCRIPTION
The AD8133 is a major advancement beyond using discrete
op amps for driving differential RGB signals over twisted pair
cable. The AD8133 is a triple, low cost differential or single-
ended input to differential output driver, and each amplifier has
a fixed gain of 2 to compensate for the attenuation of line
termination resistors. The AD8133 is specifically designed for RGB
signals but can be used for any type of analog signals or high speed
data transmission. The AD8133 is capable of driving either
Category 5 unshielded twisted pair (UTP) cable or differential
printed circuit board transmission lines with minimal signal
degradation.
The outputs of the AD8133 can be set to a low voltage state to
be used with series diodes for line isolation, allowing easy
differential multiplexing over the same twisted pair cable. The
AD8133 driver can be used in conjunction with the AD8129
and AD8130 differential receivers.
FUNCTIONAL BLOCK DIAGRAM
AD8133
OPD
1
VS– 2
–IN A
3
+IN A
4
VS– 5
VOCMC
VS+
–IN C
+IN C
VS–
18
17
16
15
14
–OUT A
6
–OUT C
13
24
23
22
21
20
19
7
8
9
10
11
12
A
B
C
Figure 1.
FREQUENCY (MHz)
0
–20
–10
–40
–30
–60
–50
–80
–70
–100
–90
1
10
100
500
VS = +5V
VS = ±5V
∆V
OUT, dm = 2V p-p
∆V
OUT, cm/∆VOUT, dm
Figure 2. Output Balance vs. Frequency
Manufactured on Analog Devices’ next generation XFCB
bipolar process, the AD8133 has a large signal bandwidth of
225 MHz and a slew rate of 1600 V/µs. The AD8133 has an
internal common-mode feedback feature that provides output
amplitude and phase matching that is balanced to −60 dB at
50 MHz, suppressing harmonics and minimizing radiated
electromagnetic interference (EMI).
The output common-mode level is easily adjustable by applying
a voltage to the VOCM input pin. The VOCM input can also be used
to transmit signals on the output common-mode voltages.
The AD8133 is available in a 24-lead LFCSP package and can
operate over the temperature range of −40°C to +85°C.


Similar Part No. - AD8133ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8133ACPZ-REEL AD-AD8133ACPZ-REEL Datasheet
479Kb / 16P
Triple Differential Driver With Output Pull-Down
7/04-Revision 0
AD8133ACPZ-REEL AD-AD8133ACPZ-REEL Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACPZ-REEL7 AD-AD8133ACPZ-REEL7 Datasheet
479Kb / 16P
Triple Differential Driver With Output Pull-Down
7/04-Revision 0
AD8133ACPZ-REEL7 AD-AD8133ACPZ-REEL7 Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
More results

Similar Description - AD8133ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8133 AD-AD8133 Datasheet
479Kb / 16P
Triple Differential Driver With Output Pull-Down
7/04-Revision 0
AD8134 AD-AD8134 Datasheet
458Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
10/05-Rev. Sp0 to Rev. A
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
TRIPLE DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8133ACP-R2 AD-AD8133ACP-R2 Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_15 Datasheet
486Kb / 16P
Triple Differential Driver With Output Pull-Down
REV. 0
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
Triple Output LED Driver
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
Triple Differential Driver With Sync-On-Common-Mode
3/16-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com