Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8133ACPZ-R2
Description  Triple Differential Driver with Output Pull-Down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8133ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD8133
Data Sheet
Rev. A | Page 10 of 17
VIN, dm = 2V p-p
VIN, dm = 200mV p-p
AMPLIFIER A TO
AMPLIFIER B
∆V
OUT, dm B/∆VIN, dm A
FREQUENCY (MHz)
–40
–60
–50
–70
–80
–90
–110
–100
1
10
100
1000
Figure 23. Amplifier-to-Amplifier Isolation vs. Frequency
FREQUENCY (MHz)
–20
–30
–40
–50
–60
–70
–80
1
10
100
1000
∆V
OUT, dm/∆VOCM
∆V
OCM = 200mV p-p
Figure 24 VOCM CMRR vs. Frequency
FREQUENCY (MHz)
2
–1
0
1
–4
–3
–2
–7
–6
–5
–10
–9
–8
1
10
100
1000
VS = +5V
VS = ±5V
VOUT, cm = 100mV p-p
VOUT, cm TAKEN SINGLE ENDED
∆V
OUT, cm/∆VOCM
Figure 25. VOCM Frequency Response for
Various Power Supply Voltages
TEMPERATURE (
°C)
30
29
28
27
26
25
24
23
22
21
20
–40 –30
–10
10
30
50
70
85
VS = +5V
VS = ±5V
Figure 26. Power Supply Current vs. Temperature
5ns/DIV
VS = ±5V
VOUT, cm = 2V p-p
VS = +5V
1.5
0.5
1.0
0
–1.0
–0.5
–1.5
Figure 27. VOCM Large Signal Transient Response
for Various Power Supply Voltages
VOCM INPUT VOLTAGE
1.0
0.4
0.6
0.8
0
0.2
–0.6
–0.4
–0.2
–1.0
–0.8
–5
–4
–3
–2
0
–1
4
3
2
1
5
Figure 28. VOCM Bias Current vs. VOCM Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com