Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8133ACPZ-R2
Description  Triple Differential Driver with Output Pull-Down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8133ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD8133
Data Sheet
Rev. A | Page 14 of 17
CALCULATING AN APPLICATION CIRCUIT’S INPUT
IMPEDANCE
The effective input impedance of a circuit such as that in
Figure 34 at VIP and VIN depends on whether the amplifier is
being driven by a single-ended or differential signal source. For
balanced differential input signals, the differential input
impedance, RIN, dm, between the inputs VIP and VIN is simply
kΩ
1.5
2
G
dm
IN,
R
R
In the case of a single-ended input signal (for example, if VIN is
grounded and the input signal is applied to VIP), the input
impedance becomes:

kΩ
125
.
1
2
1
F
G
F
G
dm
IN,
R
R
R
R
R
The circuit’s input impedance is effectively higher than it would
be for a conventional op amp connected as an inverter because
a fraction of the differential output voltage appears at the inputs
as a common-mode signal, partially bootstrapping the voltage
across the input resistor RG.
INPUT COMMON-MODE VOLTAGE RANGE IN
SINGLE-SUPPLY APPLICATIONS
The inputs of the AD8133 are designed to facilitate level-
shifting of ground referenced input signals on a single power
supply. For a single-ended input, this would imply, for example,
that the voltage at VIN in Figure 34 would be 0 V when the
amplifier’s negative power supply voltage was also set to 0 V.
It is important to ensure that the common-mode voltage at the
amplifier inputs, VAP and VAN, stays within its specified range.
Since voltages VAP and VAN are driven to be essentially equal by
negative feedback, the amplifier’s input common-mode voltage
can be expressed as a single term, VACM. VACM can be calculated
as follows
3
2 ICM
OCM
ACM
V
V
V
where VICM is the common-mode voltage of the input signal,
i.e.,
2
IN
IP
ICM
V
V
V
.
DRIVING A CAPACITIVE LOAD
A purely capacitive load can react with the output
impedance of the AD8133 to reduce phase margin, resulting in
high frequency ringing in the pulse response. The best way to
minimize this effect is to place a small resistor in series with
each of the amplifier’s outputs to buffer the load capacitance.
OUTPUT PULL-DOWN (OPD)
The AD8133 has an OPD pin that when pulled high
significantly reduces the power consumed while simultaneously
pulling the outputs to within less than 1 V of VS− when used
with series diodes (see the Applications section). The equivalent
schematic of the output pull-down circuit is shown in Figure 35.
(The ESD diodes shown in Figure 35 are for ESD protection and
are distinct from the series diodes used with the output pull-
down feature.) See Figure 17 and Figure 20 for the output
pull-down transient and isolation performance plots. The
threshold levels for the OPD pin are referenced to the positive
power supply voltage and are presented in the Specifications
tables. When the OPD pin is pulled high, the AD8133 enters the
output low disable state.
VOUT
ESD
DIODE
ESD
DIODE
VCC
PULLDOWN
(OUTPUT IS
PULLED DOWN
WHEN SWITCH
IS CLOSED)
VS–
VS+
Figure 35. Output Pull-Down Equivalent Circuit
OUTPUT COMMON-MODE CONTROL
The AD8133 allows the user to control each of the three
common-mode output levels independently through the three
VOCM input pins. The VOCM pins pass a signal to the common-
mode output level of each of their respective amplifiers with 330
MHz of small signal bandwidth and an internally fixed
gain of one. In this way, additional control and communication
signals can be embedded on the common-mode levels as the
user sees fit.
With no external circuitry, the level at the VOCM input of each
amplifier defaults to approximately midsupply. An internal
resistive divider with an impedance of approximately 100 kΩ
sets this level. To limit common-mode noise in dc common-
mode applications, external bypass capacitors should be
connected from each of the VOCM input pins to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com