Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8133ACPZ-R2
Description  Triple Differential Driver with Output Pull-Down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8133ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8133ACPZ-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
AD8133
Rev. A | Page 15 of 17
APPLICATIONS
DRIVING RGB VIDEO SIGNALS OVER CATEGORY-5
UTP CABLE
The foremost application of the AD8133 is driving RGB video
signals over UTP cable in KVM networks. Single-ended video
signals are easily converted to differential signals for
transmission over the cable, and the internally fixed gain of 2
automatically compensates for the losses incurred by the source
and load terminations. The common topologies used in KVM
networks, such as daisy-chained, star, and point-to-point, are
supported by the AD8133. Figure 36 shows the AD8133 in a
triple single-ended-to-differential application when driven from
a 75 Ω source, which is typical of how RGB video is driven over
an UTP cable. In applications that use the OPD feature, the
Schottky diodes are placed in series with each of the 49.9 Ω
resistors in the outputs.
VOCM
+2.5V
–
OUT A
+
A
1.5k
VIDEO
SOURCE A
1.5k
AD8133
750
80.6
38.3
38.3
38.3
750
49.9
49.9
75
VOCM
+2.5V
–
OUT B
+
B
1.5k
VIDEO
SOURCE B
1.5k
750
80.6
OUTPUT
PULLDOWN
750
49.9
49.9
75
VOCM
+2.5V
–
OUT C
+
C
1.5k
VIDEO
SOURCE C
1.5k
750
80.6
750
OPD
49.9
49.9
75
+5V
VS+
0.1
F ON ALL V
S+ PINS
VS–
Figure 36. AD8133 in Single-Ended-to-Differential Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com