Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8141ACPZ-R2
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8141ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8141ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8141/AD8142
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
DIS
VS–/GND
–IN A
+IN A
VS–/GND
–OUT A
+IN C
–IN C
VS+
VOCMC
VS–/GND
–OUT C
NOTES
1. CONNECT EXPOSED PADDLE TO GROUND.
2
1
3
4
5
6
18
17
16
15
14
13
AD8141
TOP VIEW
(Not to Scale)
Figure 4. AD8141 Pin Configuration
Table 4. AD8141 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DIS
Disable. This pin places outputs in high-Z condition and lowers supply current.
2, 5, 14, 21
VS−/GND
Negative Power Supply Voltage.
3
−IN A
Inverting Input, Amplifier A.
4
+IN A
Noninverting Input, Amplifier A.
6
−OUT A
Negative Output, Amplifier A.
7
+OUT A
Positive Output, Amplifier A.
8, 11, 17, 24
VS+
Positive Power Supply Voltage.
9
+OUT B
Positive Output, Amplifier B.
10
−OUT B
Negative Output, Amplifier B.
12
+OUT C
Positive Output, Amplifier C.
13
−OUT C
Negative Output, Amplifier C.
15
+IN C
Noninverting Input, Amplifier C.
16
−IN C
Inverting Input, Amplifier C.
18
VOCMC
The voltage applied to this pin controls the output common-mode voltage for Amplifier C.
19
VOCMB
The voltage applied to this pin controls the output common-mode voltage for Amplifier B.
20
VOCMA
The voltage applied to this pin controls the output common-mode voltage for Amplifier A.
22
+IN B
Noninverting Input, Amplifier B.
23
−IN B
Inverting Input, Amplifier B.
EPAD
Connect Exposed Paddle to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com